Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DTXM Datasheet(PDF) 2 Page - Kingston Technology Far East Co. Ltd

Part # DTXM
Description  Convenient on-the-go storage solution
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGSTON [Kingston Technology Far East Co. Ltd]
Direct Link  https://www.kingston.com/
Logo KINGSTON - Kingston Technology Far East Co. Ltd

DTXM Datasheet(HTML) 2 Page - Kingston Technology Far East Co. Ltd

  DTXM Datasheet HTML 1Page - Kingston Technology Far East Co. Ltd DTXM Datasheet HTML 2Page - Kingston Technology Far East Co. Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DATATRAVELER® EXODIA™ M
Functional design — Moving cap design protects USB
connector and your data when not in use.
Convenience at your fingertips — The lightweight
USB 3.2 Gen 1 compliant storage solution delivers quick
file transfers.
FEATURES / BENEFITS
Ultimate portability — Range of capacities with
colorful cap and a loop that easily attaches to key rings.
THIS DOCUMENT SUBJECT TO CHANGE WITHOUT NOTICE.
©2022 Kingston Technology Corporation, 17600 Newhope Street, Fountain Valley, CA 92708 USA. All rights reserved.
All trademarks and registered trademarks are the property of their respective owners. MKD-446US
1. Some of the listed capacity on a Flash storage device is used for formatting and other functions and thus is not available
for data storage. As such, the actual available capacity for data storage is less than what is listed on the products. For
more information, go to Kingston’s Flash Memory Guide at kingston.com/flashguide.
2. Speed may vary due to host and device configuration.
KINGSTON PART NUMBERS
Capacities1
32GB, 64GB, 128GB, 256GB
Speed2
USB 3.2 Gen 1 compliant
Dimensions
67.4mm x 21.8mm x 11.6mm
Weight
10g
Operating temperature
0°C~60°C
Storage temperature
-20°C~85°C
Warranty
5-year warranty, free technical support
Compatible with
Windows® 11, 10, 8.1, macOS (v.10.14.x +), Linux (v. 2.6.x +),
Chrome OS™
SPECIFICATIONS
DT Exodia M Single Pack
DTXM/32GB
DTXM/64GB
DTXM/128GB
DTXM/256GB
USB 2.0
USB 3.0/USB 3.1/
USB 3.2
Windows® 11
√
√
Windows® 10
√
√
Windows® 8.1
√
√
macOS (v. 10.14.x +)
√
√
Linux (v. 2.6.x +)
√
√
Chrome OS™
√
√
DT Exodia M 2 Pack
DTXM/64GB-2P
COMPATIBILITY TABLE



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com