Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MS2341 Datasheet(PDF) 2 Page - Advanced Power Technology

Part # MS2341
Description  RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

MS2341 Datasheet(HTML) 2 Page - Advanced Power Technology

  MS2341 Datasheet HTML 1Page - Advanced Power Technology MS2341 Datasheet HTML 2Page - Advanced Power Technology MS2341 Datasheet HTML 3Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
140 COMMERCE DRIVE
MONTGOMERYVILLE, PA
18936-1013
PHONE: (215) 631-9840
FAX: (215) 631-9855
MS2341
Advanced Power Technology reserves the right to change, without notice, the specifications and information contained herein
Visit our website at WWW.ADVANCEDPOWER.COM or contact our factory direct.
ELECTRICAL SPECIFICATIONS (Tcase = 25
ELECTRICAL SPECIFICATIONS (Tcase = 25°°C)
C)
STATIC
STATIC
Value
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
BVCBO
IC = 20 mA
IE = 0 mA
60
---
---
V
BVCES
IC = 20 mA
VBE= 0 V
60
---
---
V
BVEBO
IE = 2.0 mA
IC = 0 mA
3.5
---
---
V
ICBO
VCB = 50 V
IE = 0 mA
---
---
2
mA
DYNAMIC
DYNAMIC
Value
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
POUT
f = 1025 - 1150 MHz
PIN = 5.6 W
VCE = 50V
35
---
---
W
GP
f = 1025 - 1150 MHz
PIN = 5.6 W
VCE = 50V
9.0
---
---
dB
Conditions:
Pulse Width = 10
µµs Duty Cycle = 1%
IMPEDANCE DATA
IMPEDANCE DATA
FREQ
ZIN(
Ω)
Ω)
ZCL(
Ω)
Ω)
1025 MHz
2.7 + j9.1
16 - j5.8
1090 MHz
2.9 + j9.8
11 - j3.9
1150 MHz
2.8 + j11.7
11.4 - j4.7



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com