Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP43776 Datasheet(PDF) 7 Page - Diodes Incorporated

Part # AP43776
Description  DUAL-CHANNEL USB TYPE-C PD3.1/PPS/QC5 PROTOCOL DECODER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP43776 Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button AP43776 Datasheet HTML 3Page - Diodes Incorporated AP43776 Datasheet HTML 4Page - Diodes Incorporated AP43776 Datasheet HTML 5Page - Diodes Incorporated AP43776 Datasheet HTML 6Page - Diodes Incorporated AP43776 Datasheet HTML 7Page - Diodes Incorporated AP43776 Datasheet HTML 8Page - Diodes Incorporated AP43776 Datasheet HTML 9Page - Diodes Incorporated AP43776 Datasheet HTML 10Page - Diodes Incorporated AP43776 Datasheet HTML 11Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
AP43776
Document number: DS43473 Rev. 5 - 2
7 of 12
www.diodes.com
September 2022
© Diodes Incorporated
AP43776
Absolute Maximum Ratings (Note 4)
Symbol
Parameter
Rating
Unit
VCC
Input Voltage at VCC Pin
6.0
V
VCC1A, VCC2A, VCC1B, VCC2B
Input Voltage at CC1_A,CC2_A,CC1_B,CC2_B Pins
24
V
VDPA, VDNA, VDPB, VDNB,
SDA, SCL and GPIOX
Input Voltage at DPA, DNA, DPB, DNB, SDA, SCL, and
GPIOx Pins
6.0
V
TJ
Operating Junction Temperature
-40 to +150
°C
TSTG
Storage Temperature
-65 to +150
°C
TLEAD
Lead Temperature (Soldering, 10s)
+300
°C
θJA
Thermal Resistance (Junction to Ambient) (Note 5)
122
°C/W
θJC
Thermal Resistance (Junction to Case) (Note 5)
27
°C/W
ESD
ESD (Human Body Model) Voltage on D+, D- Pins
±6
kV
ESD (Human Body Model) Voltage on other Pins
±4
kV
ESD (Charged Device Model)
±1000
V
Notes:
4. Stresses greater than those listed under Absolute Maximum Ratings can cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating Conditions is not implied.
Exposure to Absolute Maximum Ratings for extended periods can affect device reliability.
5. Test condition: Device mounted on FR-4 substrate PC board, 2oz copper, with the minimum footprint.
Recommended Operating Conditions
Symbol
Parameter
Min
Max
Unit
VCC
Power Supply Voltage
3
5.5
V
TOP
Operating Temperature Range
-40
+85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com