Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP64102 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AP64102
Description  3.8V TO 40V INPUT, 1A LOW IQ SYNCHRONOUS BUCK WITH INTERNAL COMPENSATION
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP64102 Datasheet(HTML) 3 Page - Diodes Incorporated

  AP64102 Datasheet HTML 1Page - Diodes Incorporated AP64102 Datasheet HTML 2Page - Diodes Incorporated AP64102 Datasheet HTML 3Page - Diodes Incorporated AP64102 Datasheet HTML 4Page - Diodes Incorporated AP64102 Datasheet HTML 5Page - Diodes Incorporated AP64102 Datasheet HTML 6Page - Diodes Incorporated AP64102 Datasheet HTML 7Page - Diodes Incorporated AP64102 Datasheet HTML 8Page - Diodes Incorporated AP64102 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
AP64102
Document number: DS43572 Rev. 2 - 2
3 of 21
www.diodes.com
July 2021
© Diodes Incorporated
AP64102
Pin Descriptions
Pin Name
Pin Number
Function
BST
1
High-Side Gate Drive Boost Input. BST supplies the drive for the high-side N-Channel power MOSFET. A 100nF
capacitor is recommended from BST to SW to power the high-side driver.
VIN
2
Power Input. VIN supplies the power to the IC as well as the step-down converter power MOSFETs. Drive VIN with a
3.8V to 40V power source. Bypass VIN to GND with a suitably large capacitor to eliminate noise due to the switching
of the IC. See Input Capacitor section for more details.
EN
3
Enable Input. EN is a digital input that turns the regulator on or off. Drive EN high to turn on the regulator and low to
turn it off. Connect to VIN or leave floating for automatic startup. The EN has a precision threshold of 1.18V for
adjusting the UVLO. See Enable section for more details.
RT/CLK
4
Resistor Timing and External Clock. This pin can be used to control the switching frequency by setting the internal
oscillator frequency or by synchronizing to an external clock. Connect a resistor from RT/CLK to GND to set the
internal oscillator frequency. An external clock can be input directly to the RT/CLK pin and the internal oscillator
synchronizes to the external clock frequency using a PLL. If the external clock edges stop, the operating mode
automatically returns to the resistor frequency setting.
See Adjusting Switching Frequency section for more details.
FB
5
Feedback sensing terminal for the output voltage. Connect this pin to the resistive divider of the output.
See Setting the Output Voltage section for more details.
SS
6
Soft-start. Place a ceramic capacitor from this pin to ground to adjust soft-start time. An internal 4
μA current source
pulls the SS pin to VCC. See Adjusting Soft-Start Time section for more details.
GND
7
Power Ground.
SW
8
Power Switching Output. SW is the switching node that supplies power to the output. Connect the output LC filter
from SW to the output load.
EXPOSED
PAD
9
Heat dissipation path of the die. The exposed thermal pad must be electrically connected to GND and must be
connected to the ground plane of the PCB for proper operation and optimized thermal performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com