Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSC1450M Datasheet(PDF) 2 Page - Advanced Power Technology

Part # MSC1450M
Description  RF AND MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

MSC1450M Datasheet(HTML) 2 Page - Advanced Power Technology

  MSC1450M Datasheet HTML 1Page - Advanced Power Technology MSC1450M Datasheet HTML 2Page - Advanced Power Technology MSC1450M Datasheet HTML 3Page - Advanced Power Technology MSC1450M Datasheet HTML 4Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MSC1450M
Advanced Power Technology reserves the right to change, without notice, the specifications and information contained herein
Visit our website at WWW.ADVANCEDPOWER.COM or contact our factory direct.
ELECTRICAL SPECIFICATIONS (Tcase = 25
ELECTRICAL SPECIFICATIONS (Tcase = 25
°°C)
C)
STATIC
Value
Symbol
Test Conditions
Min.
Typ.
Max.
Units
BVCBO
IC = 15 mA
IE = 0 mA
65
V
BVEBO
IE = 1 mA
IC = 0 mA
3.5
V
BVCER
IC = 50 mA
RBE = 10
Ω
Ω
65
V
ICES
VCE = 50V
35
mA
hFE
VCE = 5 V
IC = 1 A
15
120
DYNAMIC
Value
Symbol
Test Conditions
Min.
Typ.
Max.
Units
POUT
f = 1090 MHz
PIN = 90 W
VCC = 50 V
450
500
W
çC
f = 1090 MHz
PIN = 90 W
VCC = 50 V
40
%
GP
f = 1090 MHz
PIN = 90 W
VCC = 50 V
7
dB
Note:
Pulse width = 10µSec
Duty Cycle = 1%



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com