Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GSX333 Datasheet(PDF) 2 Page - Golledge Electronics Ltd

Part # GSX333
Description  SM crystal for Bluetooth / Wireless
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

GSX333 Datasheet(HTML) 2 Page - Golledge Electronics Ltd

  GSX333 Datasheet HTML 1Page - Golledge Electronics Ltd GSX333 Datasheet HTML 2Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Product Information
GSX-333
Tel: +44 1460 256 100
Fax: +44 1460 256 101
E-mail: sales@golledge.com
Web: www.golledge.com
28 Mar 2005
Composition
Construction
« Ceramic body with gold-plated pads
« Metal lid,seam sealed
Soldering Profile
Maximum solder resistance: 260°C x 10 secs x 2.
Pb
LeadFree
This product is lead-free, and is fully compliant with
the RoHS directive 2002/95/EC
2002/95/EC
RoHS
200
100
0
°C
Time
5°C/s max
5°C/s max
60~90s max
50~60s max
10s max
Preheat
140~160°C
260
Heat
> 200°C
Slow
cooldown
Tape & Reel Specification
4.0
1.75
1.50Ø
12.0
±0.3
4.0
2.8
5.5
±0.05
3.0
12.4
13Ø
330Ø
100Ø
1.1
1.50
20.2Ø
120°
2.0
FEED
+2.0
-0.0
3.8
0.3
±0.05
5°
Production quantities supplied on T & R, 1k or 3k pcs per reel.
Small quantities may be supplied on tape (no reel), or in bulk.
Packaging & Handling
Not to scale. Dimensional tolerances ±0.1mm unless otherwise stated
FREQUENCY
T DC
Marking type: Laser
DC = Date code in YW, as shown below
Example: “zd” = 2004 week 30
Marking
Year
2001
2005
2002
2006
2003
2007
2004
2008
Code
Z
z
Z
z
Week codes:
A ~ Z: weeks 1 to 26
a ~ z: weeks 27 to 52



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com