Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSC4000 Datasheet(PDF) 2 Page - Advanced Power Technology

Part # MSC4000
Description  RF AND MICROWAVE TRANSISTORS GENERAL PURPOSE AMPLIFIER APPLICATIONS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

MSC4000 Datasheet(HTML) 2 Page - Advanced Power Technology

  MSC4000 Datasheet HTML 1Page - Advanced Power Technology MSC4000 Datasheet HTML 2Page - Advanced Power Technology MSC4000 Datasheet HTML 3Page - Advanced Power Technology MSC4000 Datasheet HTML 4Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MSC4000
Advanced Power Technology reserves the right to change, without notice, the specifications and information contained herein
Visit our website at WWW.ADVANCEDPOWER.COM or contact our factory direct.
ELECTRICAL SPECIFICATIONS (T
ELECTRICAL SPECIFICATIONS (TCASE
CASE
= 25
= 25
°°C)
C)
STATIC
Value
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
BVCBO
IC = 1 mA
IE = 0 mA
45
---
---
V
BVEBO
IE = 1 mA
IC = 0 mA
3.5
---
---
V
BVCER
IC = 5 mA
RBE = 10
Ω
Ω
45
---
---
V
ICBO
VBE = 28 V
---
---
0.5
mA
hFE
VCE = 5 V
IC = 100 mA
15
---
120
---
DYNAMIC
Value
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
POUT
f = 4.0 GHz
PIN = 0.16 W
VCC = 28 V
0.5
0.6
---
W
ηη
C
f = 4.0 GHz
PIN = 0.16 W
VCC = 28 V
25
27
---
%
GP
f = 4.0 GHz
PIN = 0.16 W
VCC = 28 V
5.0
5.8
---
dB
COB
f = 1 MHz
VCB = 28 V
---
---
2.5
pF



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com