Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XD1002 Datasheet(PDF) 2 Page - Mimix Broadband

Part # XD1002
Description  0.05-50.0 GHz GaAs MMIC Distributed Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XD1002 Datasheet(HTML) 2 Page - Mimix Broadband

  XD1002 Datasheet HTML 1Page - Mimix Broadband XD1002 Datasheet HTML 2Page - Mimix Broadband XD1002 Datasheet HTML 3Page - Mimix Broadband XD1002 Datasheet HTML 4Page - Mimix Broadband XD1002 Datasheet HTML 5Page - Mimix Broadband XD1002 Datasheet HTML 6Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Page 2 of 6
Distributed Amplifier Measurements
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2005 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
0.05-50.0 GHz GaAs MMIC
Distributed Amplifier
D1002
XD1002 Vd=8.5 V Id=120 mA
~70 Devices
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
32
34
36
38
40
42
44
46
48
50
Fre que ncy (GHz )
Max
Median
Mean
Min
0.05
XD1002 Vd=8.5 V Id=120 mA
~70 Devices
-80
-70
-60
-50
-40
-30
-20
-10
0
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
32
34
36
38
40
42
44
46
48
50
Fre que ncy (GHz )
Max
Median
Mean
Min
0.05
XD1002 Vd=8.5 V Id=120 mA
~70 Devices
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
32
34
36
38
40
42
44
46
48
50
Fre que ncy (GHz )
Max
Median
Mean
-3sigma
0.05
XD1002 Vd=8.5 V Id=120 mA
~70 Devices
-35
-30
-25
-20
-15
-10
-5
0
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
32
34
36
38
40
42
44
46
48
50
Fre que ncy (GHz )
Max
Median
Mean
Min
0.05
XD1002 Vd=8.5 V Id=120 mA
~30 Devices
3
4
5
6
7
8
9
10
11
12
13
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
32
34
36
38
40
42
44
46
48
50
Fre que ncy (GHz )
Max
Median
Mean
Min
August 2005 - Rev 04-Aug-05



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com