Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AXGD10402 Datasheet(PDF) 2 Page - Littelfuse

Part # AXGD10402
Description  Surface Mount Polymeric Electrostatic Discharge Suppressors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

AXGD10402 Datasheet(HTML) 2 Page - Littelfuse

  AXGD10402 Datasheet HTML 1Page - Littelfuse AXGD10402 Datasheet HTML 2Page - Littelfuse AXGD10402 Datasheet HTML 3Page - Littelfuse AXGD10402 Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Xtreme-Guard™ ESD Suppressors
Surface Mount Polymeric Electrostatic Discharge Suppressors
© 2020 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 01/21/20
AXGD10603
AXGD10402
Signal Integrity : USB3.0 5Gbps
Without XGDWith XGD Device
Signal Integrity : USB3.1 10Gbps
With XGD Device
Without XGD
Signal Integrity : USB3.0 5Gbps
Without XGDWith XGD Device
Signal Integrity : USB3.1 10Gbps
With XGD Device
Without XGD
Signal Integrity : USB3.0 5Gbps
Without XGDWith XGD Device
Signal Integrity : USB3.1 10Gbps
With XGD Device
Without XGD
Signal Integrity : USB3.0 5Gbps
Without XGDWith XGD Device
Signal Integrity : USB3.1 10Gbps
With XGD Device
Without XGD
Typical Component Capacitance
0.01
0.10
1.00
100
1,000
10,000
Frequency (MHz)
AXGD10402
AXGD10603
Typical ESD Response
Signal Integrity: USB3.0 5Gbps
Without AXGD Component
With AXGD Component
Signal Integrity: USB3.1 10Gbps
Without AXGD Component
With AXGD Component



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com