Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XM1001 Datasheet(PDF) 4 Page - Mimix Broadband

Part # XM1001
Description  12.0-40.0 GHz GaAs MMIC Image Reject Mixer
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XM1001 Datasheet(HTML) 4 Page - Mimix Broadband

  XM1001 Datasheet HTML 1Page - Mimix Broadband XM1001 Datasheet HTML 2Page - Mimix Broadband XM1001 Datasheet HTML 3Page - Mimix Broadband XM1001 Datasheet HTML 4Page - Mimix Broadband XM1001 Datasheet HTML 5Page - Mimix Broadband XM1001 Datasheet HTML 6Page - Mimix Broadband XM1001 Datasheet HTML 7Page - Mimix Broadband XM1001 Datasheet HTML 8Page - Mimix Broadband XM1001 Datasheet HTML 9Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2005 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
Mixer Measurements (cont.)
Page 4 of 9
0374 (USB, Vg=-0.5V, PRF=-10dBm, IF=2GHz): 1 device and different powers
Image Rejection (dBc) &Conversion Gain (dB)
vs. LO freq (GHz) & RF freq (GHz)
-20
-18
-16
-14
-12
-10
-8
10
12
14
16
18
20
22
24
26
28
30
32
34
36
38
40
42
44
46
RF freq (GHz)
-40
-35
-30
-25
-20
-15
-10
-5
0
8
10
12
14161820
22242628
303234363840
4244
LO freq (GHz)
Conv Loss, =R11C5, PLO (dBm)=6
Conv Loss, =R11C5, PLO (dBm)=9
Conv Loss, =R11C5, PLO (dBm)=12
Conv Loss, =R11C5, PLO (dBm)=15
Im. Rej., =R11C5, PLO (dBm)=6
Im. Rej., =R11C5, PLO (dBm)=9
Im. Rej., =R11C5, PLO (dBm)=12
Im. Rej., =R11C5, PLO (dBm)=15
0374 (LSB, Vg=-0.5V, PRF=-10dBm, IF=2GHz): 1 device and different powers
Image Rejection (dBc) &Conversion Gain (dB)
vs. LO freq (GHz) & RF freq (GHz)
-20
-18
-16
-14
-12
-10
-8
8
10121416
1820
2224
2628
3032
34
36
3840
42
RF freq (GHz)
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
10
12
14
16
18
20
22
24
26
28
30
32
34
36
38
40
42
44
LO freq (GHz)
Conv Loss, PLO (dBm)=6, =R11C5
Conv Loss, PLO (dBm)=9, =R11C5
Conv Loss, PLO (dBm)=12, =R11C5
Conv Loss, PLO (dBm)=15, =R11C5
Im. Rej., PLO (dBm)=6, =R11C5
Im. Rej., PLO (dBm)=9, =R11C5
Im. Rej., PLO (dBm)=12, =R11C5
Im. Rej., PLO (dBm)=15, =R11C5
374: USB Conversion Gain/Image Rejection vs Frequency and for differents Vg bias (-2.1V to 0.1V
with 0.2V steps) PLO=+12dBm
-80
-70
-60
-50
-40
-30
-20
-10
0
20
21
22
23
24
25
26
27
RF freq (GHz)
Conv Loss Vg=-2.1
Conv Loss Vg=-1.9
Conv Loss Vg=-1.7
Conv Loss Vg=-1.5
Conv Loss Vg=-1.3
Conv Loss Vg=-1.1
Conv Loss Vg=-0.9
Conv Loss Vg=-0.7
Conv Loss Vg=-0.5
Conv Loss Vg=-0.3
Conv Loss Vg=-0.1
Conv Loss Vg=0.1
Image Rejection Vg=-2.1
Image Rejection Vg=-1.9
Image Rejection Vg=-1.7
Image Rejection Vg=-1.5
Image Rejection Vg=-1.3
Image Rejection Vg=-1.1
Image Rejection Vg=-0.9
Image Rejection Vg=-0.7
Image Rejection Vg=-0.5
Image Rejection Vg=-0.3
Image Rejection Vg=-0.1
Image Rejection Vg=0.1
374: LSB Conversion Gain vs Frequency and for differents Vg bias (-2.1V to 0.1V with 0.2V steps)
PLO=+12dBm
-44
-42
-40
-38
-36
-34
-32
-30
-28
-26
-24
-22
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
16
17
18
19
20
21
22
23
RF freq (GHz)
Conv Loss Vg=-2.1
Conv Loss Vg=-1.9
Conv Loss Vg=-1.7
Conv Loss Vg=-1.5
Conv Loss Vg=-1.3
Conv Loss Vg=-1.1
Conv Loss Vg=-0.9
Conv Loss Vg=-0.7
Conv Loss Vg=-0.5
Conv Loss Vg=-0.3
Conv Loss Vg=-0.1
Conv Loss Vg=0.1
Image Rejection Vg=-2.1
Image Rejection Vg=-1.9
Image Rejection Vg=-1.7
Image Rejection Vg=-1.5
Image Rejection Vg=-1.3
Image Rejection Vg=-1.1
Image Rejection Vg=-0.9
Image Rejection Vg=-0.7
Image Rejection Vg=-0.5
Image Rejection Vg=-0.3
Image Rejection Vg=-0.1
Image Rejection Vg=0.1
0374 (Vg=-0.5V, PRF=-10dBm IF=2GHz): USB PLO=+12dBm
Image Rejection (dBc) &Conversion Gain (dB)
vs. LO freq (GHz) & RF freq (GHz)
-50
-47.5
-45
-42.5
-40
-37.5
-35
-32.5
-30
-27.5
-25
-22.5
-20
-17.5
-15
-12.5
-10
-7.5
-5
-2.5
0
10
12
14
16
18
20
22
24
26
28
30
32
34
36
38
40
42
44
46
RF freq (GHz)
8
10
12
141618202224
2628
30
32343638
4042
44
LO freq (GHz)
0374 (Vg=-0.5V, PRF=-10dBm IF=2GHz): LSB PLO=+12dBm
Image Rejection (dBc) & Conversion Gain(dB)
vs. LO freq (GHz) & RF freq (GHz)
-50
-47.5
-45
-42.5
-40
-37.5
-35
-32.5
-30
-27.5
-25
-22.5
-20
-17.5
-15
-12.5
-10
-7.5
-5
-2.5
0
8
1216
20
24
28323640
RF freq (GHz)
10
14
18
22
26
30
34
38
42
LO freq (GHz)
12.0-40.0 GHz GaAs MMIC
Image Reject Mixer
M1001
November 2005 - Rev 21-Nov-05



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com