Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

400CBABA0 Datasheet(PDF) 39 Page - ON Semiconductor

Part # 400CBABA0
Description  Fixed Frequency Current Mode Controller for Flyback Converters
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

400CBABA0 Datasheet(HTML) 39 Page - ON Semiconductor

Back Button 400CBABA0 Datasheet HTML 35Page - ON Semiconductor 400CBABA0 Datasheet HTML 36Page - ON Semiconductor 400CBABA0 Datasheet HTML 37Page - ON Semiconductor 400CBABA0 Datasheet HTML 38Page - ON Semiconductor 400CBABA0 Datasheet HTML 39Page - ON Semiconductor 400CBABA0 Datasheet HTML 40Page - ON Semiconductor 400CBABA0 Datasheet HTML 41Page - ON Semiconductor 400CBABA0 Datasheet HTML 42Page - ON Semiconductor 400CBABA0 Datasheet HTML 43Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 47 page
background image
NCP12400
www.onsemi.com
39
Table 6. PROTECTION MODES AND THE LATCH MODE RELEASES
Event
Timer Protection
Next Device Status
Release to Normal Operation Mode
Overcurrent
VCS > VILIM
Fault timer
Latch
Autorecovery
Brown−out
VCC < VCC(reset)
Maximum on time
Fault timer
Latch
Brown−out
VCC < VCC(reset)
Maximum duty cycle
Fault timer
Latch
Brown−out
VCC < VCC(reset)
Winding short
VCS > VCS(stop)
4 consecutive pulses
Latch
Autorecovery
Brown−out
VCC < VCC(reset)
Low supply
VCC < VCC(off)
10 ms timer
Latch
Autorecovery
Brown−out
VCC < VCC(reset)
External OTP, OVP
55 ms
Latch
Brown−out
VCC < VCC(reset)
High supply
VCC > VCC(ovp)
10 ms timer
Latch
Brown−out
VCC < VCC(reset)
Brown−out
VHV < VHV(stop)
HV timer
Device stops
(VHV > VHV(start)) & (VCC > VCC(on))
Internal TSD
10 ms timer
Device stops, HV start−up
current source stops
(VHV > VHV(start)) & (VCC > VCC(on)) & TSDb
Off mode
VFB < VOFF
500 ms timer
Device stops and internal
VCC is turned off
(VHV > VHV(start)) & (VCC > VCC(on)) &
(VFB > VON)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com