Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

400DBABA0 Datasheet(PDF) 7 Page - ON Semiconductor

Part # 400DBABA0
Description  Fixed Frequency Current Mode Controller for Flyback Converters
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

400DBABA0 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button 400DBABA0 Datasheet HTML 3Page - ON Semiconductor 400DBABA0 Datasheet HTML 4Page - ON Semiconductor 400DBABA0 Datasheet HTML 5Page - ON Semiconductor 400DBABA0 Datasheet HTML 6Page - ON Semiconductor 400DBABA0 Datasheet HTML 7Page - ON Semiconductor 400DBABA0 Datasheet HTML 8Page - ON Semiconductor 400DBABA0 Datasheet HTML 9Page - ON Semiconductor 400DBABA0 Datasheet HTML 10Page - ON Semiconductor 400DBABA0 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 47 page
background image
NCP12400
www.onsemi.com
7
Table 5. ELECTRICAL CHARACTERISTICS
(For typical values TJ = 25°C, for min/max values TJ = −40°C to +125°C, VHV = 125 V, VCC = 11 V unless otherwise noted)
Characteristics
Unit
Max
Typ
Min
Symbol
Test Condition
OUTPUT DRIVER
Rise time, 10 to 90% of VCC
VCC = VCC(off) + 0.2 V,
CDRV = 1 nF
trise
−
40
70
ns
Fall time, 90 to 10% of VCC
VCC = VCC(off) + 0.2 V,
CDRV = 1 nF
tfall
−
30
60
ns
Current capability
VCC = VCC(off) + 0.2 V,
CDRV = 1 nF
DRV high, VDRV = 0 V
DRV low, VDRV = VCC
IDRV(source)
IDRV(sink)
−
−
300
500
−
−
mA
Clamping voltage (maximum gate voltage)
VCC = VCC(ovp) – 0.2 V, DRV high,
RDRV = 33 kW, Cload = 220 pF
VDRV(clamp)
10
12
14
V
High−state voltage drop
VCC = VCC(min) + 0.2 V,
RDRV = 33 kW, DRV high
VDRV(drop)
−
−
1
V
CURRENT SENSE
Input Pull−up Current
VCS = 0.7 V
Ibias
−
1
−
mA
Maximum internal current setpoint
VFB > 3.5 V
VILIM
0.66
0.70
0.74
V
Propagation delay from VIlimit detection to
DRV off
VCS = VILIM
tdelay
−
50
70
ns
Leading Edge Blanking Duration for VILIM
tLEB
180
250
320
ns
Threshold for immediate fault protection
activation
VCS(stop)
0.95
1.05
1.15
V
Leading Edge Blanking Duration for VCS(stop)
(Note 6)
tBCS
75
120
150
ns
Soft−start duration (option A)
Soft−start duration (option B)
From 1st pulse to VCS = VILIM
tSSTART
−
3.2
10
4.0
13
4.8
ms
Frozen current setpoint (option B)
Frozen current setpoint (option D)
Frozen current setpoint (option E)
Frozen current setpoint (option H)
VI(freeze)
100
140
145
250
150
190
210
300
200
240
270
350
mV
Over voltage protection threshold when DRV
is low
VCS going up
VOVP(CS)
1.00
1.05
1.10
V
Blanking duration on OVP detection
tOVP,CS
0.7
1.0
1.3
ms
Delay time constant before OTP confirmation
tOVP,del
−
600
−
ns
INTERNAL SLOPE COMPENSATION
Slope of the compensation ramp
Scomp(65kHz)
Scomp(100kHz)
−
−
−32.5
−50
−
−
mV /
ms
FEEDBACK
Internal pull−up resistor
TJ = 25°C
RFB(up)
30
40
50
kW
VFB to internal current setpoint division ratio
(Note 6)
KFB
−
4
−
−
Internal pull−up voltage on the FB pin
VFB(ref)
4.5
5
5.5
V
Offset between FB pin and internal FB
divider
TJ = 25°C
VFB(off)
−
0.8
−
V
SKIP CYCLE MODE
Feedback voltage thresholds for skip mode
VFB going down, TJ = 25°C
VFB going up, TJ = 25°C
Vskip(in)
Vskip(out)
0.9
1.05
1.0
1.15
1.1
1.25
V
Minimum number of pulses in burst
nP,skip
3
−
−
Skip out delay
tskip
−
−
38
ms
6. Guaranteed by design.
7. CS pin source current is a sum of Ibias and IOPC, thus at VHV = 125 V is observed the Ibias only, because IOPC is switched off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com