Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

400ABCBA0 Datasheet(PDF) 8 Page - ON Semiconductor

Part # 400ABCBA0
Description  Fixed Frequency Current Mode Controller for Flyback Converters
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

400ABCBA0 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button 400ABCBA0 Datasheet HTML 4Page - ON Semiconductor 400ABCBA0 Datasheet HTML 5Page - ON Semiconductor 400ABCBA0 Datasheet HTML 6Page - ON Semiconductor 400ABCBA0 Datasheet HTML 7Page - ON Semiconductor 400ABCBA0 Datasheet HTML 8Page - ON Semiconductor 400ABCBA0 Datasheet HTML 9Page - ON Semiconductor 400ABCBA0 Datasheet HTML 10Page - ON Semiconductor 400ABCBA0 Datasheet HTML 11Page - ON Semiconductor 400ABCBA0 Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 47 page
background image
NCP12400
www.onsemi.com
8
Table 5. ELECTRICAL CHARACTERISTICS
(For typical values TJ = 25°C, for min/max values TJ = −40°C to +125°C, VHV = 125 V, VCC = 11 V unless otherwise noted)
Characteristics
Unit
Max
Typ
Min
Symbol
Test Condition
REMOTE CONTROL ON FB PIN
The voltage above which the part enters the
on mode
VCC > VCC(off), VHV = 60 V
VON
−
2.2
−
V
The voltage below which the part enters the
off mode
VCC > VCC(off)
VOFF
0.5
0.6
0.7
V
Minimum hysteresis between the VON and
VOFF
VCC > VCC(off), VHV = 60 V
VHYST
500
−
−
mV
Pull−up current in off mode
VCC > VCC(off)
IOFF
−
5
−
mA
Go To Off mode timer
VCC > VCC(off)
tGTOM
400
500
600
ms
OVERLOAD PROTECTION
Fault timer duration
tfault
108
128
178
ms
Fault timer reset time
VCS < 0.7 V, D < 90% DMAX
tfault,res
150
200
250
ms
Autorecovery mode latch−off time duration
tautorec
0.85
1.00
1.35
s
OVERPOWER PROTECTION
VHV to IOPC conversion ratio
KOPC
−
0.54
−
mA / V
Current flowing out of CS pin (Note 7)
VHV = 125 V
VHV = 162 V
VHV = 325 V
VHV = 365 V
IOPC(125)
IOPC(162)
IOPC(325)
IOPC(365)
−
−
−
105
0
20
110
130
−
−
−
150
mA
FB voltage above which IOPC is applied
VHV = 365 V
VFB(OPCF)
−
2.6
−
V
FB voltage below which is no IOPC applied
VHV = 365 V
VFB(OPCE)
−
1.6
−
V
FAULT INPUT
High threshold
VLatch going up
VOVP
2.43
2.50
2.57
V
Low threshold
VLatch going down, TJ = 25°C
VOTP
0.380
0.400
0.420
V
OTP resistance threshold (TJ = 25°C)
External NTC resistance is going
down
ROTP
7.6
8.0
8.5
kW
OTP resistance threshold (TJ = 80°C)
External NTC resistance is going
down
ROTP
−
8.5
−
kW
OTP resistance threshold (TJ = 110°C)
External NTC resistance is going
down
ROTP
−
9.5
−
kW
Current source for direct NTC connection
During normal operation
During soft−start
VLatch = 0.2 V
INTC
INTC(SSTART)
30
60
50
100
70
140
mA
Current source for direct NTC connection
During normal operation
VLatch = 0.2 V, TJ = 25°C
INTC
47
50
53
mA
Blanking duration on high latch detection
tLatch(OVP)
35
50
70
ms
Blanking duration on low latch detection
tLatch(OTP)
−
350
−
ms
Clamping voltage
ILatch = 0 mA
ILatch = 1 mA
Vclamp0(Latch)
Vclamp1(Latch)
1.0
1.8
1.2
2.4
1.4
3.0
V
TEMPERATURE SHUTDOWN
Temperature shutdown
TJ going up
TTSD
−
150
−
°C
Temperature shutdown hysteresis
TJ going down
TTSD(HYS)
−
30
−
°C
6. Guaranteed by design.
7. CS pin source current is a sum of Ibias and IOPC, thus at VHV = 125 V is observed the Ibias only, because IOPC is switched off.
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com