Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

25459/15 Datasheet(PDF) 1 Page - Alpha Wire

Part # 25459/15
Description  Customer Specification
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

25459/15 Datasheet(HTML) 1 Page - Alpha Wire

  25459/15 Datasheet HTML 1Page - Alpha Wire 25459/15 Datasheet HTML 2Page - Alpha Wire 25459/15 Datasheet HTML 3Page - Alpha Wire 25459/15 Datasheet HTML 4Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Customer Specification
PART NO. 25459/15
Construction
Alpha Wire | 711 Lidgerwood Avenue, Elizabeth, NJ 07207
Tel: 1-800-52 ALPHA (25742), Web: www.alphawire.com
Diameters (In)
1) Component 1
15 X 1 PAIR
a) Conductor
20 (7/28) AWG Tinned Copper
0.038
b) Insulation
0.016" Wall, Nom. PVC
0.070
(1) Color Code
Alpha Wire Color Code A
Pair
Color
Pair
Color
Pair
Color
1
BLACK-RED
6
BLACK-YELLOW 11
RED-YELLOW
2
BLACK-WHITE
7
BLACK-
ORANGE
12
RED-BROWN
3
BLACK-GREEN
8
RED-GREEN
13
RED-ORANGE
4
BLACK-BLUE
9
RED-WHITE
14
GREEN-BLUE
5
BLACK-BROWN
10
RED-BLUE
15
GREEN-WHITE
c) Pair
2/Cond Cabled Together
(1) Twists:
6.0 Twists/foot (min)
2) Cable Assembly
15 Components Cabled
a) Twists:
1.5 Twists/foot (min)
b) Orientation:
Components to be arranged from
INSIDE LAYER to OUTSIDE LAYER
c) Core Wrap
Nonwoven Polyester Tape, 20%
Overlap, Min.
3) Shield:
Alum/Mylar Tape, 20% Overlap, Min.
a) Foil Direction
Foil Facing In
b) Drain Wire
20 (7/28) AWG Tinned Copper
4) Jacket
0.053" Wall, Nom.,Polyurethane
(TPU)
0.644 (0.672 Max.)
a) Color(s)
Slate, Black, Yellow, Orange, Blue, Green, Red, Sand Beige, White
b) Ripcord
1 End 810 Denier Nylon


Similar Part No. - 25459/15

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
25459/12 ALPHAWIRE-25459/12 Datasheet
99Kb / 4P
Customer Specification
8/30/2022
25459/12 ALPHAWIRE-25459/12 Datasheet
98Kb / 4P
Customer SpecificationS
12/2/2022
More results

Similar Description - 25459/15

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
5010_15C ALPHAWIRE-5010_15C Datasheet
72Kb / 3P
Customer Specification
251731 ALPHAWIRE-251731 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
453821 ALPHAWIRE-453821 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
101 ALPHAWIRE-101 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
103 ALPHAWIRE-103 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
1069 ALPHAWIRE-1069 Datasheet
99Kb / 4P
Customer Specification
8/25/2022
108 ALPHAWIRE-108 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
1138C ALPHAWIRE-1138C_V01 Datasheet
99Kb / 4P
Customer Specification
8/26/2022
121910C ALPHAWIRE-121910C Datasheet
99Kb / 4P
Customer Specification
8/26/2022
2549911 ALPHAWIRE-2549911 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com