Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM24 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # MM24
Description  Rack and Panel Connectors Military, MIL-C-28748/7/8 Qualified and Commercial Microminiature Rectangular
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MM24 Datasheet(HTML) 3 Page - Vishay Siliconix

  MM24 Datasheet HTML 1Page - Vishay Siliconix MM24 Datasheet HTML 2Page - Vishay Siliconix MM24 Datasheet HTML 3Page - Vishay Siliconix MM24 Datasheet HTML 4Page - Vishay Siliconix MM24 Datasheet HTML 5Page - Vishay Siliconix MM24 Datasheet HTML 6Page - Vishay Siliconix MM24 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MM22, MM24
www.vishay.com
Vishay Dale
Revision: 24-Feb-14
3
Document Number: 36008
For technical questions, contact: connectors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
HARDWARE MATING CHART
HARDWARE MODEL
MATES WITH HARDWARE MODEL
NOTE:
EITHER MMP OR MMS CONNECTORS MAY BE
ORDERED WITH ANY TYPE OF HARDWARE SHOWN.
EXAMPLES:
1. MMP WITH 026 HARDWARE WOULD MATE WITH AN
MMS WITH 026 HARDWARE.
2. MMS WITH SK HARDWARE WOULD MATE WITH AN
MMP WITH SL OR NSL HARDWARE.
3. MMS WITH SL2 HARDWARE WOULD MATE WITH AN
MMP WITH SK2 OR SK2030 HARDWARE.
026
026, 026L
027
027, 027L
SK
SL, NSL or SLL
SK030
SL, NSL or SLL
SK2
SL2, NSL2 or SL2L
SK2030
SL2, NSL2 or SL2L
SK2035
SL2, NSL2 or SL2L
DIMENSIONS in inches [millimeters]
NOTE: The views below show the wiring side of a pin model connector (female is opposite). Socket hardware assembled at “A” contact end
of a pin model connector.
7 CONTACTS
5 CONTACTS
9 CONTACTS
11 CONTACTS
14 CONTACTS
18 CONTACTS
A
B
C
D
E
0.380
[9.65]
0.656
[16.66]
0.870
[22.10]
0.190
[4.83]
AB
C
D
E
F
H
J
K
M
L
N
P
R
S
T
U
V
0.656
[16.66]
0.880
[22.35]
0.105 [2.67]
A
B
C
D
E
F
H
J
K
0.880
[22.35]
0.270
[6.86]
0.625
[15.88]
0.135
[3.43]
A
B
C
D
E
F
H
J
K
L
M
N
R
P
0.690
[17.53]
0.468
[11.89]
0.105 [2.67]
0.030
[0.762]
R Typ.
(5 thru 9)
0.210 ± 0.020
[5.33 ± 0.508]
0.210 ± 0.020
[5.33 ± 0.508]
0.210 ± 0.020
[5.33 ± 0.508]
0.790
[20.07]
0.562
[14.27]
0.105 [2.67]
A
B
C
E
D
F
H
0.270
[6.86]
0.532
[13.51]
0.780
[19.81]
0.060
[1.52]
R Typ.
(11 thru 44)
0.135
[3.43]
A
B
C
D
E
F
H
J
K
L
M
20 CONTACTS
1.06
[26.92]
0.814
[20.68]
0.135
[3.43]
0.270
[6.86]
A
B
C
D
E
F
H
J
K
L
M
N
P
R
S
T
U
V
W
X
44 CONTACTS
0.190
[4.83]
1.50
[38.10]
0.380
[9.65]
1.28
[32.51]
A
B
C
D
EF
J
H
K
L
M
N
PR
S
T
UV
W
X
Y
Z
AA
BB
CC
DD
EE
FF
HH
JJ
KK
LL
MM
NN
PP
RR
SS
TT
UU
VV
WW
XX
YY
ZZ
26 CONTACTS
1.25
[31.75]
1.0
[25.40]
0.135
[3.43]
0.270
[6.86]
B
C
D
E
F
H
J
K
L
M
N
P
R
S
T
U
V
a
Z
Y
X
b
d
W
c
A
29 CONTACTS
1.09
[27.69]
1.34
[34.04]
0.135
[3.43]
0.270
[6.86]
T
U
A
B
C
D
F
E
H
J
K
L
M
N
P
R
S
V
W
X
Y
Z
a
b
c
d
e
f
h
34 CONTACTS
0.190
[4.83]
1.03
[26.16]
1.25
[31.75]
0.380
[9.65]
A
B
C
D
EF
HJ
K
L
MN
P
R
S
T
UV
W
Y
Z
AA
X
BB
CC
DD
EE
FF
HH
JJ
KK
LL
MM
NN
50 CONTACTS
0.190
[4.83]
1.41
[35.81]
1.62
[41.15]
0.380
[9.65]
AB
C
D
E
F
HJ
K
L
M
N
a
P
R
ST
U
V
W
AA
X
Y
Z
BB
CC
DD
EE
FF
HH
b
c
d
e
f
h
j
k
m
n
p
rs
tu
v
w
x
y
z



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com