Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APTC60HM70SCTG Datasheet(PDF) 1 Page - Advanced Power Technology

Part # APTC60HM70SCTG
Description  Full - Bridge Series & SiC parallel diodes Super Junction MOSFET Power Module
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APTC60HM70SCTG Datasheet(HTML) 1 Page - Advanced Power Technology

  APTC60HM70SCTG Datasheet HTML 1Page - Advanced Power Technology APTC60HM70SCTG Datasheet HTML 2Page - Advanced Power Technology APTC60HM70SCTG Datasheet HTML 3Page - Advanced Power Technology APTC60HM70SCTG Datasheet HTML 4Page - Advanced Power Technology APTC60HM70SCTG Datasheet HTML 5Page - Advanced Power Technology APTC60HM70SCTG Datasheet HTML 6Page - Advanced Power Technology APTC60HM70SCTG Datasheet HTML 7Page - Advanced Power Technology APTC60HM70SCTG Datasheet HTML 8Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
APTC60HM70SCTG
APT website – http://www.advancedpower.com
1 – 8
OUT1 OUT2
G1
S1
CR2A
Q1
CR1A
CR3B
CR1B
G2
S2
NTC1
CR2B
Q2
CR4B
0/VBUS
CR4A
CR3A
G4
G3
S3
S4
Q4
NTC2
Q3
VBUS
OUT1
OUT2
NTC1
NTC2
G3
S3
VBUS
G1
S1
G4
G2
S2
0/VBUS
S4
Absolute maximum ratings
These Devices are sensitive to Electrostatic Discharge. Proper Handing Procedures Should Be Followed.
Symbol
Parameter
Max ratings
Unit
VDSS
Drain - Source Breakdown Voltage
600
V
Tc = 25°C
39
ID
Continuous Drain Current
Tc = 80°C
29
IDM
Pulsed Drain current
156
A
VGS
Gate - Source Voltage
±30
V
RDSon
Drain - Source ON Resistance
70
m
Ω
PD
Maximum Power Dissipation
Tc = 25°C
250
W
IAR
Avalanche current (repetitive and non repetitive)
20
A
EAR
Repetitive Avalanche Energy
1
EAS
Single Pulse Avalanche Energy
1800
mJ
VDSS = 600V
RDSon = 70mΩ max @ Tj = 25°C
ID = 39A @ Tc = 25°C
Application
•
Motor control
•
Switched Mode Power Supplies
•
Uninterruptible Power Supplies
Features
•
-
Ultra low RDSon
-
Low Miller capacitance
-
Ultra low gate charge
-
Avalanche energy rated
•
Parallel SiC Schottky Diode
-
Zero reverse recovery
-
Zero forward recovery
-
Temperature Independent switching behavior
-
Positive temperature coefficient on VF
•
Kelvin source for easy drive
•
Very low stray inductance
-
Symmetrical design
-
Lead frames for power connections
•
Internal thermistor for temperature monitoring
•
High level of integration
Benefits
•
Outstanding performance at high frequency operation
•
Direct mounting to heatsink (isolated package)
•
Low junction to case thermal resistance
•
Solderable terminals both for power and signal for
easy PCB mounting
•
Low profile
•
RoHS complaint
Full - Bridge
Series & SiC parallel diodes
Super Junction
MOSFET Power Module


Similar Part No. - APTC60HM70SCTG

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTC60HM70SCTG MICROSEMI-APTC60HM70SCTG Datasheet
318Kb / 8P
Full - Bridge Series & SiC parallel diodes Super Junction MOSFET Power Module
More results

Similar Description - APTC60HM70SCTG

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APTC80H29SCT ADPOW-APTC80H29SCT Datasheet
319Kb / 7P
Full - Bridge Series & SiC parallel diodes Super Junction MOSFET Power Module
APTM50HM75SCT ADPOW-APTM50HM75SCT Datasheet
327Kb / 7P
Full bridge Series & SiC parallel diodes MOSFET Power Module
APTM100H45SCT ADPOW-APTM100H45SCT Datasheet
325Kb / 7P
Full bridge Series & SiC parallel diodes MOSFET Power Module
logo
Microsemi Corporation
APTC60AM18SCG MICROSEMI-APTC60AM18SCG Datasheet
303Kb / 7P
Phase leg Series & SiC parallel diodes Super Junction MOSFET Power Module
APTC60HM70SCTG MICROSEMI-APTC60HM70SCTG Datasheet
318Kb / 8P
Full - Bridge Series & SiC parallel diodes Super Junction MOSFET Power Module
APTC80H29SCTG MICROSEMI-APTC80H29SCTG Datasheet
313Kb / 7P
Full - Bridge Series & SiC parallel diodes Super Junction MOSFET Power Module
APTM50HM75SCTG MICROSEMI-APTM50HM75SCTG Datasheet
309Kb / 8P
Full bridge Series & SiC parallel diodes MOSFET Power Module
APTM100H45SCTG MICROSEMI-APTM100H45SCTG Datasheet
300Kb / 8P
Full bridge Series & SiC parallel diodes MOSFET Power Module
APTC60HM45SCTG MICROSEMI-APTC60HM45SCTG Datasheet
244Kb / 8P
Full - Bridge Series & SiC parallel diodes Super Junction MOSFET Power Module
APTC90H12SCTG MICROSEMI-APTC90H12SCTG Datasheet
218Kb / 6P
Full - Bridge Series & SiC parallel diodes Super Junction MOSFET Power Module
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com