Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

400ABDBB1 Datasheet(PDF) 30 Page - ON Semiconductor

Part # 400ABDBB1
Description  Fixed Frequency Current Mode Controller for Flyback Converters
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

400ABDBB1 Datasheet(HTML) 30 Page - ON Semiconductor

Back Button 400ABDBB1 Datasheet HTML 26Page - ON Semiconductor 400ABDBB1 Datasheet HTML 27Page - ON Semiconductor 400ABDBB1 Datasheet HTML 28Page - ON Semiconductor 400ABDBB1 Datasheet HTML 29Page - ON Semiconductor 400ABDBB1 Datasheet HTML 30Page - ON Semiconductor 400ABDBB1 Datasheet HTML 31Page - ON Semiconductor 400ABDBB1 Datasheet HTML 32Page - ON Semiconductor 400ABDBB1 Datasheet HTML 33Page - ON Semiconductor 400ABDBB1 Datasheet HTML 34Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 47 page
background image
NCP12400
www.onsemi.com
30
Low Load Operation Modes: Frequency Foldback
Mode (FFM) and Skip Mode
In order to improve the efficiency in light load conditions,
the frequency of the internal oscillator is linearly reduced
from its nominal value down to fOSC(min). This frequency
foldback starts when the voltage on FB pin goes below
Vfb(foldS), and is complete when Vfb reaches Vfb(foldE).
The maximum on−time duration control is kept during the
frequency foldback mode to provide the natural transformer
core anti−saturation protection. The frequency jittering is
still active while the oscillator frequency decreases as well.
The current setpoint is fixed to 300 mV in the frequency
foldback mode if the feedback voltage decreases below the
Vfb(freeze) level. This feature increases efficiency under
the light loads conditions as well.
Figure 58. Frequency Foldback Mode Characteristic
FB
Fsw
f OSC
Vskip(in)
VFB(foldS)
f OSC(min)
Voffset +KFB X VILIM
VFB(foldE)
Vskip(out)
Skip
VFB(freeze)
Fixed I peak
Figure 59. Current Setpoint Dependency on the Feedback Pin Voltage
VFB
Internal current setpoint
VILIM
Fixed I peak
VI(freeze)
Vskip(in)
VFB(foldS)
VFB(foldE)
Vskip(out)
VFB(freeze)
KFB X VILIM
When the FB voltage reaches Vskip(in) while decreasing,
skip mode is activated: the driver stops, and the internal
consumption of the controller is decreased. While VFB is
below Vskip(out), the controller remains in this state; but as
soon as VFB crosses the skip out threshold, the DRV pin
starts to pulse again.
The NCP12400 device includes logic which allows going
into skip mode after the DRV cycle is finished by reaching
of the peak current value. This technique eliminates the last
short pulses in skip mode, which increases the system
efficiency at light loads and makes easier the application of
active secondary rectification circuitry.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com