Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APTDF100H20 Datasheet(PDF) 1 Page - Advanced Power Technology

Part # APTDF100H20
Description  Fast Diode Rectifier Bridge Power Module
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APTDF100H20 Datasheet(HTML) 1 Page - Advanced Power Technology

  APTDF100H20 Datasheet HTML 1Page - Advanced Power Technology APTDF100H20 Datasheet HTML 2Page - Advanced Power Technology APTDF100H20 Datasheet HTML 3Page - Advanced Power Technology APTDF100H20 Datasheet HTML 4Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
APTDF100H20
APT website – http://www.advancedpower.com
1 - 4
+
-
AC1
AC2
Absolute maximum ratings
Symbol
Parameter
Max ratings
Unit
VR
Maximum DC reverse Voltage
VRRM
Maximum Peak Repetitive Reverse Voltage
200
V
TC= 25°C
145
IF(AV)
Maximum Average Forward
Current
Duty cycle = 50%
TC= 80°C
100
IF(RMS)
RMS Forward Current
Duty cycle = 50%
TC = 45°C
145
IFSM
Non-Repetitive Forward Surge Current
8.3ms
TC = 45°C
500
A
These Devices are sensitive to Electrostatic Discharge. Proper Handing Procedures Should Be Followed.
AC1
+
AC2
-
VRRM = 200V
IC = 100A @ Tc = 80°C
Application
•
Uninterruptible Power Supply (UPS)
•
Induction heating
•
Welding equipment
•
High speed rectifiers
Features
•
Ultra fast recovery times
•
Soft recovery characteristics
•
Very low stray inductance
•
High blocking voltage
•
High current
•
Low leakage current
•
Very low stray inductance
-
Symmetrical design
-
Lead frames for power connections
•
High level of integration
Benefits
•
Outstanding performance at high frequency
operation
•
Low losses
•
Low noise switching
•
Solderable terminals for easy PCB mounting
•
Direct mounting to heatsink (isolated package)
•
Low junction to case thermal resistance
Fast Diode Rectifier Bridge
Power Module


Similar Part No. - APTDF100H20

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTDF100H20G MICROSEMI-APTDF100H20G Datasheet
218Kb / 4P
Diode Full Bridge Power Module
More results

Similar Description - APTDF100H20

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APTDF100H60 ADPOW-APTDF100H60 Datasheet
239Kb / 4P
Fast Diode Rectifier Bridge Power Module
APTDF100H100 ADPOW-APTDF100H100 Datasheet
239Kb / 4P
Fast Diode Rectifier Bridge Power Module
APTDF100H120 ADPOW-APTDF100H120 Datasheet
243Kb / 4P
Fast Diode Rectifier Bridge Power Module
APTDF200H20 ADPOW-APTDF200H20 Datasheet
243Kb / 4P
Fast Diode Rectifier Bridge Power Module
APTDF200H60 ADPOW-APTDF200H60 Datasheet
243Kb / 4P
Fast Diode Rectifier Bridge Power Module
APTDF200H100 ADPOW-APTDF200H100 Datasheet
243Kb / 4P
Fast Diode Rectifier Bridge Power Module
APTDF200H120 ADPOW-APTDF200H120 Datasheet
243Kb / 4P
Fast Diode Rectifier Bridge Power Module
APTDF200H170 ADPOW-APTDF200H170 Datasheet
237Kb / 3P
Fast Diode Rectifier Bridge Power Module
logo
Microsemi Corporation
APTDF30H1201G MICROSEMI-APTDF30H1201G Datasheet
231Kb / 4P
Fast Diode Full Bridge Power Module
APTDF100H601G MICROSEMI-APTDF100H601G Datasheet
236Kb / 4P
Fast Diode Full Bridge Power Module
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com