Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RAMK033 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # RAMK033
Description  Rotational Absolute Magnetic Kit Encoder Version 33 LP and HP Displacement Sensor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RAMK033 Datasheet(HTML) 3 Page - Vishay Siliconix

  RAMK033 Datasheet HTML 1Page - Vishay Siliconix RAMK033 Datasheet HTML 2Page - Vishay Siliconix RAMK033 Datasheet HTML 3Page - Vishay Siliconix RAMK033 Datasheet HTML 4Page - Vishay Siliconix RAMK033 Datasheet HTML 5Page - Vishay Siliconix RAMK033 Datasheet HTML 6Page - Vishay Siliconix RAMK033 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
RAMK033
www.vishay.com
Vishay MCB
Revision: 15-Dec-17
3
Document Number: 32550
For technical questions, contact: mcbprecisionpot@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DIMENSIONS in millimeters
VERSION HP
Stator
Rotor
SECTION A-A
Ø 33 - 0.2
- 0.4
Ø 4.77 + 0.008
+ 0.003
Ø 33 - 0.01
- 0.04
0.3 min x 45°
Ø 16
Ø 17.5 min.
Ø 1.8 (x 3)
(3 ± 0.005)
in customer assembly
Ø 6.7
DETAIL B
Connector
Manufacturer: HIROSE
Ref: DF12D(3.0)-10DP-0.5V(81)
Pin 5
Pin 10
Pin 1
Pin 6
A
A
B
7
Ø 3.2
Ø
28.5



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com