Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RAMK040HP Datasheet(PDF) 2 Page - Vishay Siliconix

Part # RAMK040HP
Description  Rotational Absolute Magnetic Kit Encoder Version 40 mm HP Displacement Sensor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RAMK040HP Datasheet(HTML) 2 Page - Vishay Siliconix

  RAMK040HP Datasheet HTML 1Page - Vishay Siliconix RAMK040HP Datasheet HTML 2Page - Vishay Siliconix RAMK040HP Datasheet HTML 3Page - Vishay Siliconix RAMK040HP Datasheet HTML 4Page - Vishay Siliconix RAMK040HP Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
RAMK040 HP
www.vishay.com
Vishay MCB
Revision: 06-Dec-17
2
Document Number: 32535
For technical questions, contact: mcbprecisionpot@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
MAXIMUM SPEED VS. ACCURACY CHART
PERFORMANCE
PARAMETER
Operating temperature range
-40 °C to +105 °C (-55 °C to +105 °C on request)
Storage temperature range
-45 °C to +105 °C (-55 °C to +105 °C on request)
Acceleration
70 g for 1 s
Vibration
0.05 g2/Hz, 20 Hz to 2000 Hz for 1 h along the three major axis
Shock
180 g, 14 ms, 1/2 sine
EMC
MIL-STD-461F
- CS114: conducted susceptibility, bulk cable injection,10 kHz to 200 MHz table VI army ground level
common mode injection and differential mode on positive
- RS101: magnetic susceptibility, magnetic field, fig. RS101-2 from 30 Hz to 100 kHz
- RS103: radiated susceptibility, electric field, 2 MHz to 18 GHz (level: 50 V/m)
- RE102: radiated emissions, electric field, fig. RE102-4 - navy mobile and army - 10 kHz to 16 MHz
Humidity
HR
 80 % (non-condensing)
DIMENSIONS in millimeters
BASIC: AXIAL OUTPUT
10
100
1000
10000
10
100
1000
0.01
0.1
1
10
Axis Title
Accuracy (°)
2nd line
AA
SECTION A-A
3 x Ø 2.6 ± 0.1 à 120°
3 x Ø 4.1 ± 0.1 à 120°
Ø 9.7 ± 0.2
Ø 37.1 ± 0.2
0.7 ± 0.1
3.1 ± 0.1
Ø 40.57 ± 0.03
Ø 29.7 ± 0.2
Ø 18.5 ± 0.2
Ø 7.9 ± 0.1
Ø 5.2 ± 0.1
Ø 5.01 + 0.005
0
Ø 35.3 ± 0.2



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com