Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RE110L3D103W... Datasheet(PDF) 4 Page - Vishay Siliconix

Part # RE110L3D103W...
Description  Precision Linear Transducers, Conductive Plastic, up to 450 mm
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RE110L3D103W... Datasheet(HTML) 4 Page - Vishay Siliconix

  RE110L3D103W... Datasheet HTML 1Page - Vishay Siliconix RE110L3D103W... Datasheet HTML 2Page - Vishay Siliconix RE110L3D103W... Datasheet HTML 3Page - Vishay Siliconix RE110L3D103W... Datasheet HTML 4Page - Vishay Siliconix RE110L3D103W... Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Series REC 110 L
www.vishay.com
Vishay Sfernice
Revision: 26-Mar-15
4
Document Number: 54012
For technical questions, contact: sferprecisionpot@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ACCESSORIES ON REQUEST DIMENSIONS in millimeters, general tolerance ± 1 mm
ORDERING INFORMATION/DESCRIPTION
REC
110
L
3
D
103
W...
e.
SERIES
MODEL
NUMBER
OF TRACKS
THEORETICAL
ELECTRICAL
TRAVEL
LINEARITY
OHMIC VALUE
MODIFICATIONS
LEAD FINISH
L = 1 track
Times 25 mm
A: ± 1 %
D: ± 0.1 %
E: ± 0.05 %
First 2 digits are
significant numbers
3rd digit indicates
number of zeros
Special feature
code number
SAP PART NUMBERING GUIDELINES
RE
110 L
3
D
103
W...
SERIES
MODEL
TET
LINEARITY
OHMIC VALUE
SPECIAL FEATURES
58 MAX.
56 MAX.
8 MAX.
ANGULAR CLEARANCE
± 15°
CLEARANCE 3
RADIAL CLEARANCE IN
X AND Y ± 1.2 mm
X
2) SPECIAL BALL JOINT
Vishay’s reference: 323654
1) FEMALE CONNECTOR
Vishay’s Reference: 328870



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com