Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UIPMC Datasheet(PDF) 3 Page - Vishay Siliconix

Part # UIPMC
Description  Displacement Sensor, Ultraflat Industrial Potentiometer Membrane
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

UIPMC Datasheet(HTML) 3 Page - Vishay Siliconix

  UIPMC Datasheet HTML 1Page - Vishay Siliconix UIPMC Datasheet HTML 2Page - Vishay Siliconix UIPMC Datasheet HTML 3Page - Vishay Siliconix UIPMC Datasheet HTML 4Page - Vishay Siliconix UIPMC Datasheet HTML 5Page - Vishay Siliconix UIPMC Datasheet HTML 6Page - Vishay Siliconix UIPMC Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
UIPMA, UIPMC
www.vishay.com
Vishay MCB
Revision: 20-Sep-2022
3
Document Number: 32537
For technical questions, contact: mcbprecisionpot@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
MOUNTING REQUIREMENTS FOR UIPMA
1. The shape of the customer interface over the active area shall be:
2. The roughness of the customer interface over the active area shall be:
3. Before sticking the sensor, the interface surface shall be free of all traces of dirt, grease, foreign objects, and burrs.
4. The bending of the flat flex cable shall be: Ø 3 mm min.
ELECTRICAL DIAGRAM
The voltage varies according to the position of the presser
on the deformable membrane.
SPECIFIC VERSIONS (on request)
• Other electrical or mechanical characteristics
• Other bases
• Integration in equipment
• Other versions: outdoor design, ...
• Integration in equipment
(flat flex cable, contacts, wires, ...)
DIMENSIONS in millimeters
UIPMC
0.05
Ra 1.6
Active side
Back
Ø 12 (centering diameter)
Ø 18
Ø 24
Ø 30
25
R5 (x 2)
Adhesive area
Pin 1
Pin 2
Pin 3
Pin 1
V+
Pin 2
Collector
Pin 3
GND
15
Connector:
Duflex HSNG SR1 100-2P3S
(Ref: 67013-003LF or alternative)
Duflex contact female
(Ref: 76785-301LF or alternative)
F
Yellow
Red
Green



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com