Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APTDF400AA100 Datasheet(PDF) 3 Page - Advanced Power Technology

Part # APTDF400AA100
Description  Dual Common Anode diodes Power Module
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APTDF400AA100 Datasheet(HTML) 3 Page - Advanced Power Technology

  APTDF400AA100 Datasheet HTML 1Page - Advanced Power Technology APTDF400AA100 Datasheet HTML 2Page - Advanced Power Technology APTDF400AA100 Datasheet HTML 3Page - Advanced Power Technology APTDF400AA100 Datasheet HTML 4Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
APTDF400AA100
APT website – http://www.advancedpower.com
3 - 4
Typical Performance Curve
0.9
0.7
0.5
0.3
0.1
0.05
Single Pulse
0
0.02
0.04
0.06
0.08
0.1
0.12
0.14
0.16
0.00001
0.0001
0.001
0.01
0.1
1
10
Rectangular Pulse Duration (Seconds)
Maximum Effective Transient Thermal Impedance, Junction to Case vs Pulse Duration
TJ=-55°C
TJ=25°C
TJ=175°C
TJ=125°C
0
200
400
600
800
1000
1200
0.0
0.5
1.0
1.5
2.0
2.5
3.0
VF, Anode to Cathode Voltage (V)
Forward Current vs Forward Voltage
Trr vs. Current Rate of Charge
200 A
400 A
600 A
0
50
100
150
200
250
300
350
400
0
800 1600 2400 3200 4000 4800
-diF/dt (A/µs)
TJ=125°C
VR=667V
QRR vs. Current Rate Charge
200 A
400 A
600 A
8
12
16
20
24
28
32
36
0
800 1600 2400 3200 4000 4800
-diF/dt (A/µs)
TJ=125°C
VR=667V
IRRM vs. Current Rate of Charge
200 A
400 A
600 A
40
80
120
160
200
240
280
320
0
800 1600 2400 3200 4000 4800
-diF/dt (A/µs)
TJ=125°C
VR=667V
Capacitance vs. Reverse Voltage
0
400
800
1200
1600
2000
2400
2800
3200
1
10
100
1000
VR, Reverse Voltage (V)
0
100
200
300
400
500
600
0
25
50
75
100 125 150 175
Case Temperature (ºC)
Max. Average Forward Current vs. Case Temp.
Duty Cycle = 0.5
TJ=175°C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com