Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DDTAUA Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DDTAUA
Description  PNP PRE-BIASED TRANSISTOR IN SOT323
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DDTAUA Datasheet(HTML) 2 Page - Diodes Incorporated

  DDTAUA Datasheet HTML 1Page - Diodes Incorporated DDTAUA Datasheet HTML 2Page - Diodes Incorporated DDTAUA Datasheet HTML 3Page - Diodes Incorporated DDTAUA Datasheet HTML 4Page - Diodes Incorporated DDTAUA Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
DDTA (R1-ONLY SERIES) UA
Document number: DS30327 Rev. 7 - 2
2 of 5
www.diodes.com
June 2021
© Diodes Incorporated
DDTA (R1-ONLY SERIES) UA
Absolute Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Collector-Base Voltage
VCBO
-50
V
Collector-Emitter Voltage
VCEO
-50
V
Emitter-Base Voltage
VEBO
-5
V
Collector Current
IC (Max)
-100
mA
Thermal Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 5)
PD
200
mW
Thermal Resistance, Junction to Ambient Air (Note 5)
RθJA
625
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Collector-Base Breakdown Voltage
BVCBO
-50
V
IC = -50μA
Collector-Emitter Breakdown Voltage
BVCEO
-50
V
IC = -1mA
Emitter-Base Breakdown Voltage
BVEBO
-5
V
IE = -50μA
Collector Cutoff Current
ICBO
-0.5
μA VCB = -50V
Emitter Cutoff Current
IEBO
-0.5
μA VEB = -4V
Collector-Emitter Saturation Voltage
VCE(sat)
-0.3
V
IC/IB = -10mA/-1mA
DDTA113TUA
IC/IB = -5mA/-0.5mA
DDTA123TUA
IC/IB = -2.5mA/-0.25mA DDTA143TUA
IC/IB = -1mA/-0.1mA
DDTA114TUA
IC/IB = -5mA/-0.5mA
DDTA124TUA
IC/IB = -2.5mA/-0.25mA DDTA144TUA
IC/IB = -1mA/-0.1mA
DDTA115TUA
IC/IB = -0.5mA/-0.05mA DDTA125TUA
DC Current Transfer Ratio
hFE
100
250
600
IC = -1mA, VCE = -5V
Input Resistor (R1) Tolerance
R1
-30
+30
%
Gain-Bandwidth Product (Note 6)
fT
250
MHz
VCE = -10V, IE = -5mA,
f = 100MHz
Notes:
5. Mounted on FR4 PC Board with minimum recommended pad layout.
6. Transistor - For Reference Only



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com