Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DDTDC Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DDTDC
Description  NPN PRE-BIASED 500 MA SURFACE MOUNT TRANSISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DDTDC Datasheet(HTML) 1 Page - Diodes Incorporated

  DDTDC Datasheet HTML 1Page - Diodes Incorporated DDTDC Datasheet HTML 2Page - Diodes Incorporated DDTDC Datasheet HTML 3Page - Diodes Incorporated DDTDC Datasheet HTML 4Page - Diodes Incorporated DDTDC Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DDTD (LO-R1) C
Document number: DS30399 Rev. 8 - 2
1 of 3
www.diodes.com
July 2021
© Diodes Incorporated
DDTD (LO-R1) C
NPN PRE-BIASED 500 MA SURFACE MOUNT TRANSISTOR
Features
•
Epitaxial Planar Die Construction
•
Complementary PNP Types Available (DDTB)
•
Built-In Biasing Resistors
•
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
•
Halogen and Antimony Free. “Green” Device (Note 3)
•
For automotive applications requiring specific change
control (i.e. parts qualified to AEC-Q100/101/200, PPAP
capable, and manufactured in IATF 16949 certified facilities),
please contact us or your local Diodes representative.
https://www.diodes.com/quality/product-definitions/
Mechanical Data
•
Case: SOT23
•
Case Material: Molded Plastic, “Green” Molding Compound;
UL Flammability Classification Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020
•
Terminals: Finish – Matte Tin Plated Leads; Solderable per
MIL-STD-202, Method 208
•
Weight: 0.008 grams (Approximate)
Ordering Information (Note 4)
Product
Status
Compliance
Marking
Reel size (inches)
Tape width (mm)
Quantity per reel
DDTD122LC -7-F
Obsolete
Standard
N75
7
8
3,000
DDTD142JC -7-F
Active
Standard
N76
7
8
3,000
DDTD122TC -7-F
Obsolete
Standard
N77
7
8
3,000
DDTD142TC -7-F
Obsolete
Standard
N78
7
8
3,000
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS), 2011/65/EU (RoHS 2) & 2015/863/EU (RoHS 3) compliant.
2. See https://www.diodes.com/quality/lead-free/ for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at https://www.diodes.com/design/support/packaging/diodes-packaging/.
Marking Information
Date Code Key
Year
2021
2022
2023
2024
2025
2026
2027
2028
2029
2030
2031
2032
Code
I
J
K
L
M
N
O
P
R
S
T
U
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
P/N
R1 (NOM) R2 (NOM)
DDTD122LC
DDTD142JC
DDTD122TC
DDTD142TC
0.22kΩ
0.47kΩ
0.22kΩ
0.47kΩ
10kΩ
10kΩ
OPEN
OPEN
Device Schematic
SOT23
Top View
1
3
GND (0)
C
B
IN
OUT
E
Equivalent Inverter Circuit
XXX = Product Type Marking Code, See Table Above
YM = Date Code Marking
Y = Year ex: I = 2021
M = Month ex: 9 = September
XXX


Similar Part No. - DDTDC

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDTD DIODES-DDTD Datasheet
79Kb / 4P
NPN PRE-BIASED 500mA SURFACE MOUNT TRANSISTOR
January 2009
DDTD XXXX C DIODES-DDTD XXXX C Datasheet
79Kb / 4P
NPN PRE-BIASED 500mA SURFACE MOUNT TRANSISTOR
January 2009
DDTD(LO-R1)C DIODES-DDTD(LO-R1)C Datasheet
116Kb / 3P
NPN PRE-BIASED 500 mA SURFACE MOUNT TRANSISTOR
Rev 6
DDTD113EC DIODES-DDTD113EC Datasheet
69Kb / 3P
NPN PRE-BIASED 500 mA SOT-23 SURFACE MOUNT TRANSISTOR
DS30384 Rev. 4 - 2
DDTD113EC DIODES-DDTD113EC Datasheet
80Kb / 4P
NPN PRE-BIASED 500mA SURFACE MOUNT TRANSISTOR
DS30384 Rev. 10 - 2
More results

Similar Description - DDTDC

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDTD122LC DIODES-DDTD122LC Datasheet
75Kb / 3P
NPN PRE-BIASED 500 mA SOT-23 SURFACE MOUNT TRANSISTOR
DS30399 Rev. 2 - 2
DDTD113EU DIODES-DDTD113EU Datasheet
66Kb / 3P
NPN PRE-BIASED 500 mA SOT-323 SURFACE MOUNT TRANSISTOR
DS30382 Rev. 2 - 2
DDTDXXXXC DIODES-DDTDXXXXC Datasheet
66Kb / 3P
NPN PRE-BIASED 500 mA SOT-23 SURFACE MOUNT TRANSISTOR
DS30399 Rev. 2 - 2
DDTDXXXXU DIODES-DDTDXXXXU Datasheet
69Kb / 3P
NPN PRE-BIASED 500 mA SOT-323 SURFACE MOUNT TRANSISTOR
DS30398 Rev. 2 - 2
DDTD122LU DIODES-DDTD122LU_1 Datasheet
79Kb / 3P
NPN PRE-BIASED 500 mA SOT-323 SURFACE MOUNT TRANSISTOR
DS30398 Rev. 5 - 2
DDTD113EU DIODES-DDTD113EU_1 Datasheet
115Kb / 3P
NPN PRE-BIASED 500 mA SURFACE MOUNT TRANSISTOR
DS30382 Rev. 7 - 2
DDTD122LU DIODES-DDTD122LU_2 Datasheet
116Kb / 3P
NPN PRE-BIASED 500 mA SURFACE MOUNT TRANSISTOR
DS30398 Rev. 6 - 2
DDTD122LC DIODES-DDTD122LC_1 Datasheet
116Kb / 3P
NPN PRE-BIASED 500 mA SURFACE MOUNT TRANSISTOR
DS30399 Rev. 6 - 2
DDTB122LU DIODES-DDTB122LU_2 Datasheet
115Kb / 3P
PNP PRE-BIASED 500 mA SURFACE MOUNT TRANSISTOR
DS30400 Rev. 6 - 2
DDTD(LO-R1)C DIODES-DDTD(LO-R1)C Datasheet
116Kb / 3P
NPN PRE-BIASED 500 mA SURFACE MOUNT TRANSISTOR
Rev 6
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com