Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APTDF400KK20 Datasheet(PDF) 3 Page - Advanced Power Technology

Part # APTDF400KK20
Description  Dual Common Cathode diodes Power Module
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APTDF400KK20 Datasheet(HTML) 3 Page - Advanced Power Technology

  APTDF400KK20 Datasheet HTML 1Page - Advanced Power Technology APTDF400KK20 Datasheet HTML 2Page - Advanced Power Technology APTDF400KK20 Datasheet HTML 3Page - Advanced Power Technology APTDF400KK20 Datasheet HTML 4Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
APTDF400KK20
APT website – http://www.advancedpower.com
3 - 4
Typical Performance Curve
0.9
0.7
0.5
0.3
0.1
0.05
Single Pulse
0
0.02
0.04
0.06
0.08
0.1
0.12
0.14
0.16
0.00001
0.0001
0.001
0.01
0.1
1
10
Rectangular Pulse Duration (Seconds)
Maximum Effective Transient Thermal Impedance, Junction to Case vs Pulse Duration
TJ=-55°C
TJ=25°C
TJ=150°C
TJ=125°C
0
200
400
600
800
1000
1200
0.0
0.5
1.0
1.5
2.0
VF, Anode to Cathode Voltage (V)
Forward Current vs Forward Voltage
I
RRM vs. Current Rate of Charge
200 A
400 A
520 A
40
80
120
160
200
0
800 1600 2400 3200 4000 4800
-diF/dt (A/µs)
TJ=125°C
VR=133V
Trr vs. Current Rate of Charge
200 A
400 A
520 A
40
60
80
100
120
0
800 1600 2400 3200 4000 4800
-di
F/dt (A/µs)
TJ=125°C
VR=133V
QRR vs. Current Rate Charge
200 A
400 A
520 A
2
3
4
5
6
7
8
9
0
800
1600 2400 3200 4000 4800
-diF/dt (A/µs)
TJ=125°C
VR=133V
Capacitance vs. Reverse Voltage
0
3000
6000
9000
12000
15000
1
10
100
1000
VR, Reverse Voltage (V)
0
100
200
300
400
500
600
25
50
75
100
125
150
Case Temperature (°C)
Max. Average Forward Current vs. Case Temp.
Duty Cycle = 0.5
TJ=150°C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com