Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

09T2001KP Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 09T2001KP
Description  NTC Thermistors, Radial Leaded and Coateds
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

09T2001KP Datasheet(HTML) 2 Page - Vishay Siliconix

  09T2001KP Datasheet HTML 1Page - Vishay Siliconix 09T2001KP Datasheet HTML 2Page - Vishay Siliconix 09T2001KP Datasheet HTML 3Page - Vishay Siliconix 09T2001KP Datasheet HTML 4Page - Vishay Siliconix 09T2001KP Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
T, M, C
www.vishay.com
Vishay Dale
Revision: 08-Apr-2021
2
Document Number: 33003
For technical questions, contact: thermistor1@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) See following pages for tolerance explanations and details
DIMENSIONS in inches (millimeters)
Note
(1) Additional wire gauges (non-insulated) available as AWG24 (type E), AWG26 (type B) and AWG32 (type F). Please contact Vishay
(thermistor1@vishay.com) for further details
Note
• Maximum body diameter is dependent on selected curve number and value, the lower resistance values have the largest diameter. For a
specific part number within the given resistance ranges, please contact thermistor1@vishay.com for maximum diameter information
GLOBAL PART NUMBER AND ORDERING INFORMATION
Global Part Numbering: 01C2001FP for POINT MATCHED THERMISTORS
CURVE NR
GLOBAL MODEL
RESISTANCE VAL
POINT MATCH
TOLERANCE
PACKAGING
01
02
08
09
T
M
C
2001 = 2K
1503 = 150K
F = ± 1 %
G = ± 2 %
H = ± 3 %
J = ± 5 %
K = ± 10 %
F = lead (Pb)-free, bulk
P = tin / lead, bulk
Global Part Numbering: 01C2001SPC3 for CURVE TRACKING THERMISTORS
CURVE
GLOBAL MODEL
RESISTANCE
VALUE
CHARACTERISTICS
PACKAGING
CURVE TRACK
TOLERANCE (1)
01
08
09
T
M
C
2001 = 2K
SF = lead (Pb)-free,
bulk
P = tin / lead, bulk
A3
A4
A5
A8
B3
B4
B5
B8
C3
C5
C8
PRODUCT TYPE
WIRE GAUGE/DIAMETER (1)
Type M
AWG 30: 0.0100 (0.254)
Type C
AWG 28: 0.0126 (0.320)
Type T
Insulated AWG 30: 0.0100 (0.254)
CURVE NUMBER
R25 MIN.
Ω
DIAMETER
INCH (mm)
STANDARD
R25 RANGE
Ω
DIAMETER
INCH (mm)
R25 MIN.
R25 MAX.
R25 MIN.
2
30
0.342 (8.69)
330 to 3K
0.095 (2.41)
0.136 (3.45)
9
10K to 56K
0.095 (2.41
0.150 (3.81)
8
20K
0.131 (3.33)
27K to 220K
0.095 (2.41)
0.125 (3.18)
1
200
0.315 (8.00)
1.8K to 18K
0.095 (2.41)
0.136 (3.45)
TINNED COPPER WIRE
TEFLON INSULATED NICKEL WIRE
D
0.25 ± 0.05 (6.35 ± 1.25)
1.5 (36.1) MIN.
CLEAN LEAD LENGTH
3 ± 0.25 (76.2 ± 6.4)
D
TYPE M, C
TYPE T
20
01
P
F
1C
0
20
01
P
C
S
1C
0
3



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com