Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APTGF200U60D4 Datasheet(PDF) 1 Page - Advanced Power Technology

Part # APTGF200U60D4
Description  Single switch NPT IGBT Power Module
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APTGF200U60D4 Datasheet(HTML) 1 Page - Advanced Power Technology

  APTGF200U60D4 Datasheet HTML 1Page - Advanced Power Technology APTGF200U60D4 Datasheet HTML 2Page - Advanced Power Technology APTGF200U60D4 Datasheet HTML 3Page - Advanced Power Technology APTGF200U60D4 Datasheet HTML 4Page - Advanced Power Technology APTGF200U60D4 Datasheet HTML 5Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
APTGF200U60D4
APT website – http://www.advancedpower.com
1 - 5
Absolute maximum ratings
Symbol
Parameter
Max ratings
Unit
VCES
Collector - Emitter Breakdown Voltage
600
V
TC= 25°C
250
IC
Continuous Collector Current
TC= 80°C
200
ICM
Pulsed Collector Current
TC= 25°C
400
A
VGE
Gate – Emitter Voltage
±20
V
PD
Maximum Power Dissipation
TC= 25°C
735
W
RBSOA
Reverse Bias Safe Operation Area
Tj = 125°C
400A@420V
These Devices are sensitive to Electrostatic Discharge. Proper Handing Procedures Should Be Followed.
3
5
2
1
5
3
4
1
2
VCES = 600V
IC = 200A @ Tc = 80°C
Application
Welding converters
Switched Mode Power Supplies
Uninterruptible Power Supplies
Motor control
Features
Non Punch Through (NPT) fast IGBT
-
Low voltage drop
-
Low tail current
-
Switching frequency up to 50 kHz
-
Soft recovery parallel diodes
-
Low diode VF
-
Low leakage current
-
Avalanche energy rated
-
RBSOA and SCSOA rated
Kelvin emitter for easy drive
Low stray inductance
-
M6 connectors for power
-
M4 connectors for signal
High level of integration
Benefits
Outstanding performance at high frequency
operation
Stable temperature behavior
Very rugged
Direct mounting to heatsink (isolated package)
Low junction to case thermal resistance
Easy paralleling due to positive TC of VCEsat
Single switch
NPT IGBT Power Module


Similar Part No. - APTGF200U60D4

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APTGF200U120D ADPOW-APTGF200U120D Datasheet
291Kb / 6P
Single Switch with Series diodes NPT IGBT Power Module
logo
Microsemi Corporation
APTGF200U120DG MICROSEMI-APTGF200U120DG Datasheet
267Kb / 6P
Single Switch with Series diodes NPT IGBT Power Module
More results

Similar Description - APTGF200U60D4

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APTGF300U60D4 ADPOW-APTGF300U60D4 Datasheet
201Kb / 3P
Single switch NPT IGBT Power Module
APTGF360U60D4 ADPOW-APTGF360U60D4 Datasheet
201Kb / 3P
Single switch NPT IGBT Power Module
APTGF500U60D4 ADPOW-APTGF500U60D4 Datasheet
201Kb / 3P
Single switch NPT IGBT Power Module
APTGF660U60D4 ADPOW-APTGF660U60D4 Datasheet
201Kb / 3P
Single switch NPT IGBT Power Module
logo
Microsemi Corporation
APTGF300U120DG MICROSEMI-APTGF300U120DG Datasheet
240Kb / 5P
Single Switch with Series diodes NPT IGBT Power Module
APTGF360U60D4G MICROSEMI-APTGF360U60D4G Datasheet
203Kb / 5P
Single switch NPT IGBT Power Module
APTGF400U120D4G MICROSEMI-APTGF400U120D4G Datasheet
204Kb / 5P
Single switch NPT IGBT Power Module
APTGF500U60D4G MICROSEMI-APTGF500U60D4G Datasheet
204Kb / 5P
Single switch NPT IGBT Power Module
APTGF530U120D4G MICROSEMI-APTGF530U120D4G Datasheet
204Kb / 5P
Single switch NPT IGBT Power Module
APTGF660U60D4G MICROSEMI-APTGF660U60D4G Datasheet
203Kb / 5P
Single switch NPT IGBT Power Module
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com