Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APTGF200U120D Datasheet(PDF) 1 Page - Advanced Power Technology

Part # APTGF200U120D
Description  Single Switch with Series diodes NPT IGBT Power Module
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APTGF200U120D Datasheet(HTML) 1 Page - Advanced Power Technology

  APTGF200U120D Datasheet HTML 1Page - Advanced Power Technology APTGF200U120D Datasheet HTML 2Page - Advanced Power Technology APTGF200U120D Datasheet HTML 3Page - Advanced Power Technology APTGF200U120D Datasheet HTML 4Page - Advanced Power Technology APTGF200U120D Datasheet HTML 5Page - Advanced Power Technology APTGF200U120D Datasheet HTML 6Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
APTGF200U120D
APT website – http://www.advancedpower.com
1 – 6
Absolute maximum ratings
Symbol
Parameter
Max ratings
Unit
VCES
Collector - Emitter Breakdown Voltage
1200
V
Tc = 25°C
275
IC
Continuous Collector Current
Tc = 80°C
200
ICM
Pulsed Collector Current
Tc = 25°C
600
A
VGE
Gate – Emitter Voltage
±20
V
PD
Maximum Power Dissipation
Tc = 25°C
1136
W
SSOA
Switching Safe Operating Area
Tj = 150°C
600A @ 1200V
These Devices are sensitive to Electrostatic Discharge. Proper Handing Procedures Should Be Followed.
CK
EK
G
EC
C
CK
E
G
EK
VCES = 1200V
IC = 200A @ Tc = 80°C
Application
Zero Current Switching resonant mode
Features
Non Punch Through (NPT) FAST IGBT
-
Low voltage drop
-
Low tail current
-
Switching frequency up to 50 kHz
-
Soft recovery parallel diodes
-
Low diode VF
-
Low leakage current
-
Avalanche energy rated
-
RBSOA and SCSOA rated
Kelvin emitter for easy drive
Very low stray inductance
-
Symmetrical design
-
M5 power connectors
High level of integration
Benefits
Outstanding performance at high frequency
operation
Stable temperature behavior
Very rugged
Direct mounting to heatsink (isolated package)
Low junction to case thermal resistance
Easy paralleling due to positive TC of VCEsat
Low profile
Single Switch
with Series diodes
NPT IGBT Power Module


Similar Part No. - APTGF200U120D

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTGF200U120DG MICROSEMI-APTGF200U120DG Datasheet
267Kb / 6P
Single Switch with Series diodes NPT IGBT Power Module
More results

Similar Description - APTGF200U120D

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APTGF200U60D4 ADPOW-APTGF200U60D4 Datasheet
264Kb / 5P
Single switch NPT IGBT Power Module
APTGF300U120D ADPOW-APTGF300U120D Datasheet
265Kb / 5P
Single Switch with Series diodes NPT IGBT Power Module
APTGF360U60D4 ADPOW-APTGF360U60D4 Datasheet
201Kb / 3P
Single switch NPT IGBT Power Module
APTGF500U60D4 ADPOW-APTGF500U60D4 Datasheet
201Kb / 3P
Single switch NPT IGBT Power Module
APTGF660U60D4 ADPOW-APTGF660U60D4 Datasheet
201Kb / 3P
Single switch NPT IGBT Power Module
logo
Microsemi Corporation
APTGF200U120DG MICROSEMI-APTGF200U120DG Datasheet
267Kb / 6P
Single Switch with Series diodes NPT IGBT Power Module
APTGF300U120DG MICROSEMI-APTGF300U120DG Datasheet
240Kb / 5P
Single Switch with Series diodes NPT IGBT Power Module
APTGF400U120D4G MICROSEMI-APTGF400U120D4G Datasheet
204Kb / 5P
Single switch NPT IGBT Power Module
APTGF530U120D4G MICROSEMI-APTGF530U120D4G Datasheet
204Kb / 5P
Single switch NPT IGBT Power Module
APTGF660U60D4G MICROSEMI-APTGF660U60D4G Datasheet
203Kb / 5P
Single switch NPT IGBT Power Module
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com