Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS16 Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # SS16
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

SS16 Datasheet(HTML) 2 Page - Pan Jit International Inc.

  SS16 Datasheet HTML 1Page - Pan Jit International Inc. SS16 Datasheet HTML 2Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERISTIC CURVES
SS12 THRU S100
1.0
0.75
0.50
0.25
0
0
20
40
60
80
100
120
140
SINELE PHASE HALF WAVE
60Hz RESISTIVE OR
INDUCTIVE LOAD P.C.B
MOUNTED ON
0.2×0.2"(5.0×5.0mm) COPPER
PAD AREAS
LEAD TEMPERATURE, ¢J
20
10
1.0
0.1
.1
.5
.7
.8
.9
1.1
1.3
1.5
1.7
1.9
SS18~S100
SS15~SS16
SS12~SS14
TJ = 25 ¢J
PULSE WIDTH = 300£gs
1% DUTY CYCLE
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
Fig. 1-FORWARD CURRENT DERATING CURVEE
Fig. 2-TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
30
25
20
15
10
5
1
2
5
10
20
50
100
8.3ms SINGLE HALF SINE WAVE
JEDEC METHOD
NUMBER OF CYCLES AT 60Hz
Fig. 3-MAXIMUM NON-REPETITIVE SURGE CURRENT
400
200
100
80
60
40
20
10
0.1
0.4
1.0
4
10
40
60
100
120
TJ = 25 ¢J
REVERSE VOLTAGE ,VOLTS
Fig. 4-TYPICAL JUNCTION CAPACITANCE



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com