Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APTGT600SK60 Datasheet(PDF) 5 Page - Advanced Power Technology

Part # APTGT600SK60
Description  Buck chopper Trench Field Stop IGBT Power Module
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APTGT600SK60 Datasheet(HTML) 5 Page - Advanced Power Technology

  APTGT600SK60 Datasheet HTML 1Page - Advanced Power Technology APTGT600SK60 Datasheet HTML 2Page - Advanced Power Technology APTGT600SK60 Datasheet HTML 3Page - Advanced Power Technology APTGT600SK60 Datasheet HTML 4Page - Advanced Power Technology APTGT600SK60 Datasheet HTML 5Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
APTGT600SK60
APT website – http://www.advancedpower.com
5 - 5
Forward Characteristic of diode
TJ=25°C
TJ=125°C
TJ=150°C
0
200
400
600
800
1000
1200
0
0.4
0.8
1.2
1.6
2
VF (V)
Hard
switching
ZCS
ZVS
0
20
40
60
80
100
120
0
200
400
600
800
1000
IC (A)
VCE=300V
D=50%
RG=2Ω
TJ=150°C
Tc=85°C
Operating Frequency vs Collector Current
maximum Effective Transient Thermal Impedance, Junction to Pulse Duration
0.9
0.7
0.5
0.3
0.1
0.05
Single Pulse
0
0.02
0.04
0.06
0.08
0.1
0.12
0.00001
0.0001
0.001
0.01
0.1
1
10
Rectangular Pulse Duration in Seconds
Diode
APT reserves the right to change, without notice, the specifications and information contained herein
APT's products are covered by one or more of U.S patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522
5,262,336 6,503,786 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 and foreign patents. U.S and Foreign patents pending. All Rights Reserved.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com