Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APTM50DDA10T3 Datasheet(PDF) 2 Page - Advanced Power Technology

Part # APTM50DDA10T3
Description  Dual Boost chopper MOSFET Power Module
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APTM50DDA10T3 Datasheet(HTML) 2 Page - Advanced Power Technology

  APTM50DDA10T3 Datasheet HTML 1Page - Advanced Power Technology APTM50DDA10T3 Datasheet HTML 2Page - Advanced Power Technology APTM50DDA10T3 Datasheet HTML 3Page - Advanced Power Technology APTM50DDA10T3 Datasheet HTML 4Page - Advanced Power Technology APTM50DDA10T3 Datasheet HTML 5Page - Advanced Power Technology APTM50DDA10T3 Datasheet HTML 6Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
APTM50DDA10T3
APT website – http://www.advancedpower.com
2 - 6
All ratings @ Tj = 25°C unless otherwise specified
Electrical Characteristics
Symbol Characteristic
Test Conditions
Min
Typ
Max
Unit
Tj = 25°C
100
IDSS
Zero Gate Voltage Drain Current
VGS = 0V
VDS = 500V
Tj = 125°C
500
µA
RDS(on)
Drain – Source on Resistance
VGS = 10V, ID = 18.5A
100
m
Ω
VGS(th)
Gate Threshold Voltage
VGS = VDS, ID = 1mA
3
5
V
IGSS
Gate – Source Leakage Current
VGS = ±30 V, VDS = 0V
±100
nA
Dynamic Characteristics
Symbol Characteristic
Test Conditions
Min
Typ
Max
Unit
Ciss
Input Capacitance
4367
Coss
Output Capacitance
894
Crss
Reverse Transfer Capacitance
VGS = 0V
VDS = 25V
f = 1MHz
61
pF
Qg
Total gate Charge
96
Qgs
Gate – Source Charge
24
Qgd
Gate – Drain Charge
VGS = 10V
VBus = 250V
ID = 37A
49
nC
Td(on)
Turn-on Delay Time
15
Tr
Rise Time
21
Td(off)
Turn-off Delay Time
73
Tf
Fall Time
Inductive switching @ 125°C
VGS = 15V
VBus = 333V
ID = 37A
RG = 5Ω
52
ns
Eon
Turn-on Switching Energy
566
Eoff
Turn-off Switching Energy
Inductive switching @ 25°C
VGS = 15V, VBus = 333V
ID = 37A, RG = 5Ω
545
µJ
Eon
Turn-on Switching Energy
931
Eoff
Turn-off Switching Energy
Inductive switching @ 125°C
VGS = 15V, VBus = 333V
ID = 37A, RG = 5Ω
635
µJ
Diode ratings and characteristics
Symbol Characteristic
Test Conditions
Min
Typ
Max
Unit
VRRM
Maximum Peak Repetitive Reverse Voltage
600
V
Tj = 25°C
250
IRM
Maximum Reverse Leakage Current
VR=600V
Tj = 125°C
750
µA
IF(AV)
Maximum Average Forward Current
50% duty cycle
Tc = 70°C
30
A
IF = 30A
2.2
2.7
IF = 60A
2.7
VF
Diode Forward Voltage
IF = 30A
Tj = 150°C
1.5
V
Tj = 25°C
74
trr
Reverse Recovery Time
Tj = 100°C
74
ns
Tj = 25°C
123
Qrr
Reverse Recovery Charge
IF = 30A
VR = 400V
di/dt=200A/µs
Tj = 100°C
288
nC
Eon includes diode reverse recovery.
In accordance with JEDEC standard JESD24-1.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com