Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APTM100DUM90 Datasheet(PDF) 6 Page - Advanced Power Technology

Part # APTM100DUM90
Description  Dual common source MOSFET Power Module
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APTM100DUM90 Datasheet(HTML) 6 Page - Advanced Power Technology

  APTM100DUM90 Datasheet HTML 1Page - Advanced Power Technology APTM100DUM90 Datasheet HTML 2Page - Advanced Power Technology APTM100DUM90 Datasheet HTML 3Page - Advanced Power Technology APTM100DUM90 Datasheet HTML 4Page - Advanced Power Technology APTM100DUM90 Datasheet HTML 5Page - Advanced Power Technology APTM100DUM90 Datasheet HTML 6Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
APTM100DUM90
APT website – http://www.advancedpower.com
6 – 6
Delay Times vs Current
td(on)
td(off)
0
40
80
120
160
200
20
40
60
80
100 120 140 160
ID, Drain Current (A)
VDS=670V
RG=1.2Ω
TJ=125°C
L=100µH
Rise and Fall times vs Current
tr
tf
0
20
40
60
80
20
40
60
80
100 120 140 160
ID, Drain Current (A)
VDS=670V
RG=1.2Ω
TJ=125°C
L=100µH
Switching Energy vs Current
E
on
Eoff
0
2
4
6
8
10
20
40
60
80 100 120 140 160
ID, Drain Current (A)
VDS=670V
RG=1.2Ω
TJ=125°C
L=100µH
Eon
Eoff
0
2
4
6
8
10
12
14
02468
Gate Resistance (Ohms)
Switching Energy vs Gate Resistance
VDS=670V
ID=78A
TJ=125°C
L=100µH
Hard
switching
ZCS
ZVS
0
50
100
150
200
250
0
10203040506070
ID, Drain Current (A)
Operating Frequency vs Drain Current
VDS=670V
D=50%
RG=1.2Ω
TJ=125°C
TC=75°C
TJ=25°C
TJ=150°C
1
10
100
1000
0.2 0.4 0.6 0.8
1
1.2 1.4 1.6 1.8
VSD, Source to Drain Voltage (V)
Source to Drain Diode Forward Voltage
APT reserves the right to change, without notice, the specifications and information contained herein
APT's products are covered by one or more of U.S patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522
5,262,336 6,503,786 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 and foreign patents. U.S and Foreign patents pending. All Rights Reserved.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com