Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APTM100H18F Datasheet(PDF) 2 Page - Advanced Power Technology

Part # APTM100H18F
Description  Full - Bridge MOSFET Power Module
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APTM100H18F Datasheet(HTML) 2 Page - Advanced Power Technology

  APTM100H18F Datasheet HTML 1Page - Advanced Power Technology APTM100H18F Datasheet HTML 2Page - Advanced Power Technology APTM100H18F Datasheet HTML 3Page - Advanced Power Technology APTM100H18F Datasheet HTML 4Page - Advanced Power Technology APTM100H18F Datasheet HTML 5Page - Advanced Power Technology APTM100H18F Datasheet HTML 6Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
APTM100H18F
APT website – http://www.advancedpower.com
2 – 6
All ratings @ Tj = 25°C unless otherwise specified
Electrical Characteristics
Symbol Characteristic
Test Conditions
Min
Typ
Max
Unit
BVDSS
Drain - Source Breakdown Voltage
VGS = 0V, ID = 500µA
1000
V
VGS = 0V,VDS = 1000V
Tj = 25°C
500
IDSS
Zero Gate Voltage Drain Current
VGS = 0V,VDS = 800V
Tj = 125°C
2000
µA
RDS(on)
Drain – Source on Resistance
VGS = 10V, ID = 21.5A
180
m
Ω
VGS(th)
Gate Threshold Voltage
VGS = VDS, ID = 5mA
3
5
V
IGSS
Gate – Source Leakage Current
VGS = ±30 V, VDS = 0V
±150
nA
Dynamic Characteristics
Symbol Characteristic
Test Conditions
Min
Typ
Max
Unit
Ciss
Input Capacitance
10.4
Coss
Output Capacitance
1.76
Crss
Reverse Transfer Capacitance
VGS = 0V
VDS = 25V
f = 1MHz
0.32
nF
Qg
Total gate Charge
372
Qgs
Gate – Source Charge
48
Qgd
Gate – Drain Charge
VGS = 10V
VBus = 500V
ID = 43A
244
nC
Td(on)
Turn-on Delay Time
18
Tr
Rise Time
12
Td(off)
Turn-off Delay Time
155
Tf
Fall Time
Inductive switching @ 125°C
VGS = 15V
VBus = 670V
ID = 43A
RG = 2.5Ω
40
ns
Eon
Turn-on Switching Energy
1800
Eoff
Turn-off Switching Energy
Inductive switching @ 25°C
VGS = 15V, VBus = 670V
ID = 43A, RG = 2.5Ω
1246
µJ
Eon
Turn-on Switching Energy
2846
Eoff
Turn-off Switching Energy
Inductive switching @ 125°C
VGS = 15V, VBus = 670V
ID = 43A, RG = 2.5Ω
1558
µJ
Source - Drain diode ratings and characteristics
Symbol Characteristic
Test Conditions
Min
Typ
Max
Unit
Tc = 25°C
43
IS
Continuous Source current
(Body diode)
Tc = 80°C
33
A
VSD
Diode Forward Voltage
VGS = 0V, IS = - 43A
1.3
V
dv/dt
Peak Diode Recovery
18
V/ns
Tj = 25°C
320
trr
Reverse Recovery Time
IS = - 43A
VR = 500V
diS/dt = 200A/µs
Tj = 125°C
650
ns
Tj = 25°C
7.2
Qrr
Reverse Recovery Charge
IS = - 43A
VR = 500V
diS/dt = 200A/µs
Tj = 125°C
19.5
µC
Eon includes diode reverse recovery.
In accordance with JEDEC standard JESD24-1.
dv/dt numbers reflect the limitations of the circuit rather than the device itself.
IS ≤ - 43A
di/dt
≤ 700A/µs
VR ≤ VDSS
Tj ≤ 150°C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com