Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APTM120DU15 Datasheet(PDF) 1 Page - Advanced Power Technology

Part # APTM120DU15
Description  Dual common source MOSFET Power Module
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APTM120DU15 Datasheet(HTML) 1 Page - Advanced Power Technology

  APTM120DU15 Datasheet HTML 1Page - Advanced Power Technology APTM120DU15 Datasheet HTML 2Page - Advanced Power Technology APTM120DU15 Datasheet HTML 3Page - Advanced Power Technology APTM120DU15 Datasheet HTML 4Page - Advanced Power Technology APTM120DU15 Datasheet HTML 5Page - Advanced Power Technology APTM120DU15 Datasheet HTML 6Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
APTM120DU15
APT website – http://www.advancedpower.com
1 – 6
D2
S
Q1
D1
S2
G2
Q2
G1
S1
D2
G1
S1
S
G2
D1
S2
Absolute maximum ratings
These Devices are sensitive to Electrostatic Discharge. Proper Handing Procedures Should Be Followed.
Symbol
Parameter
Max ratings
Unit
VDSS
Drain - Source Breakdown Voltage
1200
V
Tc = 25°C
60
ID
Continuous Drain Current
Tc = 80°C
45
IDM
Pulsed Drain current
240
A
VGS
Gate - Source Voltage
±30
V
RDSon
Drain - Source ON Resistance
150
m
PD
Maximum Power Dissipation
Tc = 25°C
1250
W
IAR
Avalanche current (repetitive and non repetitive)
22
A
EAR
Repetitive Avalanche Energy
50
EAS
Single Pulse Avalanche Energy
3000
mJ
VDSS = 1200V
RDSon = 150mΩ max @ Tj = 25°C
ID = 60A @ Tc = 25°C
Application
AC Switches
Switched Mode Power Supplies
Uninterruptible Power Supplies
Features
Power MOS 7® MOSFETs
-
Low RDSon
-
Low input and Miller capacitance
-
Low gate charge
-
Avalanche energy rated
-
Very rugged
Kelvin source for easy drive
Very low stray inductance
-
Symmetrical design
-
M5 power connectors
High level of integration
Benefits
Outstanding performance at high frequency operation
Direct mounting to heatsink (isolated package)
Low junction to case thermal resistance
Low profile
Dual common source
MOSFET Power Module


Similar Part No. - APTM120DU15

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTM120DU15G MICROSEMI-APTM120DU15G Datasheet
279Kb / 7P
Dual common source MOSFET Power Module
More results

Similar Description - APTM120DU15

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APTM20DUM05 ADPOW-APTM20DUM05 Datasheet
289Kb / 6P
Dual common source MOSFET Power Module
APTM20DUM10T ADPOW-APTM20DUM10T Datasheet
303Kb / 6P
Dual common source MOSFET Power Module
APTM10DUM02 ADPOW-APTM10DUM02 Datasheet
297Kb / 6P
Dual Common Source MOSFET Power Module
APTM120DU29T ADPOW-APTM120DU29T Datasheet
313Kb / 6P
Dual Common Source MOSFET Power Module
logo
Microsemi Corporation
APTM10DUM02G MICROSEMI-APTM10DUM02G Datasheet
274Kb / 6P
Dual Common Source MOSFET Power Module
APTM10DUM05TG MICROSEMI-APTM10DUM05TG Datasheet
286Kb / 6P
Dual common source MOSFET Power Module
APTM20DUM04G MICROSEMI-APTM20DUM04G Datasheet
281Kb / 7P
Dual common source MOSFET Power Module
APTM20DUM05G MICROSEMI-APTM20DUM05G Datasheet
283Kb / 6P
Dual common source MOSFET Power Module
APTM50DUM19G MICROSEMI-APTM50DUM19G Datasheet
281Kb / 6P
Dual common source MOSFET Power Module
APTM120DU15G MICROSEMI-APTM120DU15G Datasheet
279Kb / 7P
Dual common source MOSFET Power Module
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com