Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMC6022SSD Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMC6022SSD
Description  COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMC6022SSD Datasheet(HTML) 2 Page - Diodes Incorporated

  DMC6022SSD Datasheet HTML 1Page - Diodes Incorporated DMC6022SSD Datasheet HTML 2Page - Diodes Incorporated DMC6022SSD Datasheet HTML 3Page - Diodes Incorporated DMC6022SSD Datasheet HTML 4Page - Diodes Incorporated DMC6022SSD Datasheet HTML 5Page - Diodes Incorporated DMC6022SSD Datasheet HTML 6Page - Diodes Incorporated DMC6022SSD Datasheet HTML 7Page - Diodes Incorporated DMC6022SSD Datasheet HTML 8Page - Diodes Incorporated DMC6022SSD Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
DMC6022SSD
Document number: DS39056 Rev. 1 - 2
2 of 10
www.diodes.com
December 2016
© Diodes Incorporated
DMC6022SSD
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Q1
Q2
Unit
Drain-Source Voltage
VDSS
60
-60
V
Gate-Source Voltage
VGSS
±20
±20
V
Continuous Drain Current (Note 6)
N-Channel: VGS = 10V
P-Channel: VGS = -10V
Steady
State
TA = +25°C
TA = +70°C
ID
6.0
5.0
-5.0
-4.0
A
t<10s
TA = +25°C
TA = +70°C
ID
8.4
6.7
-6.5
-5.2
A
Maximum Body Diode Forward Current (Note 6)
IS
2.0
-2.0
A
Pulsed Drain Current (10µs Pulse, Duty Cycle = 1%)
IDM
45
-35
A
Avalanche Current (Note 7) L = 0.1mH
IAS
22
-25
A
Avalanche Energy (Note 7) L = 0.1mH
EAS
24
24
mJ
Thermal Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Total Power Dissipation (Note 5)
TA = +25°C
PD
1.5
W
Thermal Resistance, Junction to Ambient (Note 5)
Steady state
RJA
102
°C/W
t < 10s
64
Total Power Dissipation (Note 6)
TA = +25°C
PD
2.0
W
Thermal Resistance, Junction to Ambient (Note 6)
Steady state
RJA
74
°C/W
t<10s
47
Thermal Resistance, Junction to Case (Note 6)
RJC
10
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics N-Channel Q1 (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 8)
Drain-Source Breakdown Voltage
BVDSS
60
—
—
V
VGS = 0V, ID = 250μA
Zero Gate Voltage Drain Current TJ = +25°C
IDSS
—
—
1
µA
VDS = 60V, VGS = 0V
Gate-Source Leakage
IGSS
—
—
±100
nA
VGS = ±20V, VDS = 0V
ON CHARACTERISTICS (Note 8)
Gate Threshold Voltage
VGS(TH)
1.0
—
3.0
V
VDS = VGS, ID = 250μA
Static Drain-Source On-Resistance
RDS(ON)
—
21
29
m
Ω
VGS = 10V, ID = 5A
22
34
VGS = 6V, ID = 5A
Diode Forward Voltage
VSD
—
0.8
1.2
V
VGS = 0V, IS = 1.7A
DYNAMIC CHARACTERISTICS (Note 9)
Input Capacitance
Ciss
—
2110
—
pF
VDS = 30V, VGS = 0V,
f = 1.0MHz
Output Capacitance
Coss
—
78
—
pF
Reverse Transfer Capacitance
Crss
—
51
—
pF
Gate Resistance
Rg
—
2.0
—
Ω
VDS = 0V, VGS = 0V, f = 1MHz
Total Gate Charge at (VGS = 4.5V)
Qg
—
14
—
nC
VDS = 30V, ID = 6A
Total Gate Charge at (VGS = 10V)
Qg
—
32
—
nC
Gate-Source Charge
Qgs
—
7.0
—
nC
Gate-Drain Charge
Qgd
—
4.0
—
nC
Turn-On Delay Time
tD(ON)
—
5.4
—
ns
VGS = 10V, VDS = 30V,
RG = 6Ω, ID = 1A
Turn-On Rise Time
tR
—
4.4
—
ns
Turn-Off Delay Time
tD(OFF)
—
30.4
—
ns
Turn-Off Fall Time
tF
—
8.4
—
ns
Body Diode Reverse Recovery Time
tRR
—
18.1
—
ns
IF = 1.7A, di/dt = 100A/μs
Body Diode Reverse Recovery Charge
QRR
—
12.5
—
nC
IF = 1.7A, di/dt = 100A/μs
Notes:
5. Device mounted on FR-4 substrate PC board, 2oz copper, with minimum recommended pad layout.
6. Device mounted on FR-4 substrate PC board, 2oz copper, with 1inch square copper plate.
7. UIS in production with L = 0.1mH, starting TA = +25°C.
8. Short duration pulse test used to minimize self-heating effect.
9. Guaranteed by design. Not subject to product testing.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com