Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APTM120U100D-ALN Datasheet(PDF) 1 Page - Advanced Power Technology

Part # APTM120U100D-ALN
Description  Single switch with Series diodes MOSFET Power Module
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APTM120U100D-ALN Datasheet(HTML) 1 Page - Advanced Power Technology

  APTM120U100D-ALN Datasheet HTML 1Page - Advanced Power Technology APTM120U100D-ALN Datasheet HTML 2Page - Advanced Power Technology APTM120U100D-ALN Datasheet HTML 3Page - Advanced Power Technology APTM120U100D-ALN Datasheet HTML 4Page - Advanced Power Technology APTM120U100D-ALN Datasheet HTML 5Page - Advanced Power Technology APTM120U100D-ALN Datasheet HTML 6Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
APTM120U100D-AlN
APT website – http://www.advancedpower.com
1 – 6
D
S
G
SK
Absolute maximum ratings
These Devices are sensitive to Electrostatic Discharge. Proper Handing Procedures Should Be Followed.
Symbol
Parameter
Max ratings
Unit
VDSS
Drain - Source Breakdown Voltage
1200
V
Tc = 25°C
116
ID
Continuous Drain Current
Tc = 80°C
86
IDM
Pulsed Drain current
464
A
VGS
Gate - Source Voltage
±30
V
RDSon
Drain - Source ON Resistance
100
m
Ω
PD
Maximum Power Dissipation
Tc = 25°C
3290
W
IAR
Avalanche current (repetitive and non repetitive)
24
A
EAR
Repetitive Avalanche Energy
50
EAS
Single Pulse Avalanche Energy
3200
mJ
VDSS = 1200V
RDSon = 100mΩ max @ Tj = 25°C
ID = 116A @ Tc = 25°C
Application
•
Zero Current Switching resonant mode
Features
•
Power MOS 7® MOSFETs
-
Low RDSon
-
Low input and Miller capacitance
-
Low gate charge
-
Avalanche energy rated
-
Very rugged
•
Kelvin source for easy drive
•
Very low stray inductance
-
Symmetrical design
-
M5 power connectors
•
High level of integration
•
AlN substrate for improved thermal performance
Benefits
•
Outstanding performance at high frequency operation
•
Direct mounting to heatsink (isolated package)
•
Low junction to case thermal resistance
•
Low profile
Single switch
with Series diodes
MOSFET Power Module


Similar Part No. - APTM120U100D-ALN

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTM120U10DAG MICROSEMI-APTM120U10DAG Datasheet
266Kb / 6P
Single switch with Series diodes MOSFET Power Module
APTM120U10DAG MICROSEMI-APTM120U10DAG Datasheet
222Kb / 6P
Single switch with Series diodes MOSFET Power Module
APTM120U10DAG MICROSEMI-APTM120U10DAG_08 Datasheet
222Kb / 6P
Single switch with Series diodes MOSFET Power Module
logo
Advanced Power Technolo...
APTM120U10SA ADPOW-APTM120U10SA Datasheet
294Kb / 6P
Single switch Series & parallel diodes MOSFET Power Module
logo
Microsemi Corporation
APTM120U10SAG MICROSEMI-APTM120U10SAG Datasheet
269Kb / 6P
Single switch Series & parallel diodes MOSFET Power Module
More results

Similar Description - APTM120U100D-ALN

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APTM20UM09S ADPOW-APTM20UM09S Datasheet
285Kb / 7P
Single switch Series & parallel diodes MOSFET Power Module
APTM50UM19S ADPOW-APTM50UM19S Datasheet
287Kb / 7P
Single switch Series & parallel diodes MOSFET Power Module
APTM50UM13S-ALN ADPOW-APTM50UM13S-ALN Datasheet
301Kb / 6P
Single switch Series & parallel diodes MOSFET Power Module
APTM100U13S ADPOW-APTM100U13S Datasheet
286Kb / 5P
Single switch Series & parallel diodes MOSFET Power Module
APTM120UM70D-ALN ADPOW-APTM120UM70D-ALN Datasheet
299Kb / 6P
Single switch with Series diodes MOSFET Power Module
logo
Microsemi Corporation
APTM50UM13SAG MICROSEMI-APTM50UM13SAG Datasheet
270Kb / 7P
Single switch Series & parallel diodes MOSFET Power Module
APTM100UM65SAG MICROSEMI-APTM100UM65SAG Datasheet
278Kb / 6P
Single switch Series & parallel diodes MOSFET Power Module
APTM120U10DAG MICROSEMI-APTM120U10DAG Datasheet
266Kb / 6P
Single switch with Series diodes MOSFET Power Module
APTM120UM70DAG MICROSEMI-APTM120UM70DAG Datasheet
272Kb / 6P
Single switch with Series diodes MOSFET Power Module
APTM120U10DAG MICROSEMI-APTM120U10DAG_08 Datasheet
222Kb / 6P
Single switch with Series diodes MOSFET Power Module
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com