Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8100554 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 8100554
Description  Twin cylinder
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

8100554 Datasheet(HTML) 1 Page - Festo Corporation.

  8100554 Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Twin cylinder
DGTZ-GF-10-10-P-A
Part number: 8100554
Data sheet
Feature
Value
Stroke
10 mm
Adjustable end position range/length
10 mm
Piston diameter
10 mm
Drive unit operating mode
Yoke
Cushioning
Elastic cushioning rings/pads at both ends
Mounting position
Any
Guide
Sliding guide
Structural design
Guide
Position sensing
For proximity sensor
Symbol
00991249
Operating pressure
0.15 MPa ... 0.8 MPa
Operating pressure
1.5 bar ... 8 bar
Mode of operation
Double-acting
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Information on operating and pilot media
Operation with oil lubrication possible (required for further use)
Corrosion resistance class (CRC)
1 - Low corrosion stress
LABS (PWIS) conformity
VDMA24364 zone III
Ambient temperature
-10 °C ... 80 °C
Impact energy in the end positions
0.08 J
Max. payload as a function of the stroke at defined distance xs
6.3 N
Theoretical force at 6 bar, retracting
60 N
Theoretical force at 6 bar, advancing
94 N
Moving mass
135 g
Product weight
135 g
Pneumatic connection
M5
Note on materials
RoHS-compliant
Cover material
Wrought aluminum alloy
Seals material
HNBR
Housing material
Wrought aluminum alloy, anodized
Piston rod material
High-alloy stainless steel
12/11/22 - Subject to change - Festo SE & Co. KG
1/1


Similar Part No. - 8100554

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
8100555 FESTO-8100555 Datasheet
94Kb / 1P
Twin cylinder
12/11/22
8100556 FESTO-8100556 Datasheet
93Kb / 1P
Twin cylinder
12/11/22
8100557 FESTO-8100557 Datasheet
92Kb / 1P
Twin cylinder
12/11/22
8100558 FESTO-8100558 Datasheet
92Kb / 1P
Twin cylinder
12/11/22
8100559 FESTO-8100559 Datasheet
90Kb / 1P
Twin cylinder
12/11/22
More results

Similar Description - 8100554

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
8100542 FESTO-8100542 Datasheet
96Kb / 1P
Twin cylinder
12/11/22
8100555 FESTO-8100555 Datasheet
94Kb / 1P
Twin cylinder
12/11/22
8100578 FESTO-8100578 Datasheet
89Kb / 1P
Twin cylinder
12/11/22
8100609 FESTO-8100609 Datasheet
93Kb / 1P
Twin cylinder
12/11/22
8100613 FESTO-8100613 Datasheet
90Kb / 1P
Twin cylinder
12/11/22
8100616 FESTO-8100616 Datasheet
89Kb / 1P
Twin cylinder
12/11/22
8100638 FESTO-8100638 Datasheet
96Kb / 1P
Twin cylinder
12/11/22
8100639 FESTO-8100639 Datasheet
96Kb / 1P
Twin cylinder
12/11/22
8103498 FESTO-8103498 Datasheet
85Kb / 1P
Twin cylinder
12/11/22
8103500 FESTO-8103500 Datasheet
83Kb / 1P
Twin cylinder
12/11/22
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com