Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP700C Datasheet(PDF) 1 Page - Advanced Semiconductor

Part # AP700C
Description  SILICON PIN DIODE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASI [Advanced Semiconductor]
Direct Link  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor

AP700C Datasheet(HTML) 1 Page - Advanced Semiconductor

  AP700C Datasheet HTML 1Page - Advanced Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A D V A N C E D S E M I C O N D U C T O R, I N C.
REV. A
7525 ETHEL AVENUE
• NORTH HOLLYWOOD, CA 91605 • (818) 982-1202 • FAX (818) 765-3004
1/1
Specifications are subject to change without notice.
CHARACTERISTICS TC = 25 OC
NONE
SYMBOL
TEST CONDITIONS
MINIMUM
TYPICAL
MAXIMUM
UNITS
VB
IR = 10
µA
70
V
CJ
VR = 6.0 V
f = 1.0 MHz
0.20
pF
RS
IF = 20 mA
f = 1.0 GHz
IF = 100 mA
1.7
1.5
Ohms
TL
IF = 10 mA
IR = 6.0 mA
50
nS
TS
10%-90% / 90%-10%
5.0
nS
CP
f = 1.0 MHz
0.15
PF
LS
2.5
nH
SILICON PIN DIODE
AP700C
DESCRIPTION:
The
AP700C is a Diffused Epitaxial
Silicon PIN diode.
MAXIMUM RATINGS
IC
100 mA
VCE
70 V
PDISS
500 mW @ TC = 25
OC
TJ
-65
OC to +150 OC
TSTG
-65
OC to +175 OC
θθθθ
JC
50
OC/W
PACKAGE STYLE 15


Similar Part No. - AP700C

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AP7000-2 ATMEL-AP7000-2 Datasheet
198Kb / 13P
ATMEL Norway AS Vestre Roster 79 N-7075 TUKKER Norway
logo
Advanced Semiconductor
AP700D ASI-AP700D Datasheet
13Kb / 1P
SILICON PIN DIODE
More results

Similar Description - AP700C

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
BAP65-02 LRC-BAP65-02 Datasheet
108Kb / 2P
Silicon PIN diode
logo
NXP Semiconductors
BAP1321-03 PHILIPS-BAP1321-03 Datasheet
66Kb / 7P
Silicon PIN diode
2004 Feb 17
logo
Advanced Semiconductor
AP1000C-11 ASI-AP1000C-11 Datasheet
15Kb / 1P
SILICON PIN DIODE
logo
NXP Semiconductors
BAP27-01 PHILIPS-BAP27-01 Datasheet
77Kb / 7P
Silicon PIN diode
2001 Nov 01
BAP63-03 PHILIPS-BAP63-03 Datasheet
66Kb / 7P
Silicon PIN diode
2004 Feb 11
BAP63-05 PHILIPS-BAP63-05 Datasheet
76Kb / 6P
Silicon PIN diode
2000 Feb 17
BAP70-02 NXP-BAP70-02 Datasheet
229Kb / 6P
Silicon PIN diode
Rev. 05-2 January 2008
logo
Guangdong Kexin Industr...
BAP64-02 KEXIN-BAP64-02 Datasheet
35Kb / 1P
Silicon PIN diode
BAP63-02 KEXIN-BAP63-02 Datasheet
36Kb / 2P
Silicon PIN diode
logo
Infineon Technologies A...
BA595E6327 INFINEON-BA595E6327 Datasheet
903Kb / 10P
Silicon PIN Diode
2011-07-21
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com