Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GP-93 Datasheet(PDF) 2 Page - PerkinElmer Optoelectronics

Part # GP-93
Description  Triggered Spark Gaps
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERKINELMER [PerkinElmer Optoelectronics]
Direct Link  http://www.perkinelmer.com
Logo PERKINELMER - PerkinElmer Optoelectronics

GP-93 Datasheet(HTML) 2 Page - PerkinElmer Optoelectronics

  GP-93 Datasheet HTML 1Page - PerkinElmer Optoelectronics GP-93 Datasheet HTML 2Page - PerkinElmer Optoelectronics GP-93 Datasheet HTML 3Page - PerkinElmer Optoelectronics GP-93 Datasheet HTML 4Page - PerkinElmer Optoelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
page 2
PerkinElmer Optoelectronics
1.
Optimum operating voltage is typically 60 to 80% of SBV.
2.
Operation below minimum value may result in erratic firing
over time.
3.
Operation at this value may result in self-firing over time.
4.
Represents minimum main-gap breakdown voltage with no
trigger applied.
5.
Value shown contains safety factor for end-of-life requirements.
6.
PerkinElmer TM-11A Trigger Module can be used to trigger
all gaps.
7.
Transformers listed vary mechanically and electrically. See
PerkinElmer Transformer Data Sheet.
8.
These units must be operated in a liquid or gas dielectric to prevent
external flashover: GP-70 and GP-14B, above 24 kV; GP-32B and
GP-15B, above 35 kV; GP-74B and GP-81B, above 60 kV.
9.
Designed for high altitude, high holdoff conditions.
10. Other voltage ranges and mechanical configurations are available
on request; for example, the GP-20B can be supplied with a 6 to
16 kV operating range by specifying GP-20B-20. The 20 would be
the SBV and E-E maximum would be 80% of SBV = 16kV.
11. E = Stored energy in joules (1/2CV2), lb = average current in
amperes, lp = RMS current in amperes, R = total circuit resistance
in ohms, P = average power in watts.
Notes
Trigger
Mode
C
C
A,C
A, C
A,B
A
A,B
A
A,B
A
A,B
A
A
Triggered Spark Gap Ratings
Simultaneous Ratings
Crowbar Service,
Typical Life:
5000-20,000 Shots
(11)
5 kA peak
0.1 coulomb
7.5 kA peak
0.2 coulomb
25 kA peak
0.4 coulomb
50 kA peak
0.5 coulomb
Peak currents up to 100
kA and charge transfer
up to 5 coulombs are
obtainable at reduced
life (100-1000 shots).
Simultaneous Ratings
Repetitive Switching
Typical Life:
1-5 Million Shots
(11)
3 millicoulombs/shot
lb = 35 mAdc
lp = 6 Aac
4 millicoulombs/shot
lb = 60 mAdc
lp = 8 Aac
4 millicoulombs/shot
lb = 100 mAdc
lp = 10 Aac
10 millicoulombs/shot
lb = 200 mAdc
lp = 15 Aac
At 70% SBV
100
30
30
30
30
30
At 40% SBV
1000
300
300
300
300
300
Recommended
PerkinElmer
Transformer
(6, 7)
TR-148A
TR-180B
TR-148A
TR-180B
TR-1795
TR-180B
TR1700
TR-1795
TR-1700
TR-1795
TR-1700
TR-1795
TR-1700
Typical Delay Time*
* when operated in mode A
(Nanoseconds)
PerkinElmer
Model
No.
GP-89
GP-90
GP-91
GP-93
GP-82B
GP-31B
GP-20B
GP-46B
GP-85
GP-86
GP-87
GP-70
GP-30B
GP-22B
GP-12B
GP-14B
GP-41B
GP-32B
GP-15B
GP-74B
GP-81B
(2)
0.7
1.3
4.4
8
0.4
2
3.5
8
2
6
10
12
2
6
10
12
12
20
25
40
40
(3)
2.1
3.4
10
20
1.6
6
11
20
6
15
24
36
6
15
24
36
36
48
60
100
100
SBV, kV
(4)
2.6
4.2
12.5
25
2
7.5
14
25
8
20
30
42(8)
7.5
19
30
42(8)
42
60(8)
86(8)
120(8)
120(9)
VT
Min Trig
(kV Open
Circuit
(5)
10
10
20
20
20
20
O-A
Range, kV
Min/Max
(1,10)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com