Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A720 Datasheet(PDF) 6 Page - Kemet Corporation

Part # A720
Description  A720 Polymer Aluminum
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

A720 Datasheet(HTML) 6 Page - Kemet Corporation

Back Button A720_V01 Datasheet HTML 2Page - Kemet Corporation A720_V01 Datasheet HTML 3Page - Kemet Corporation A720_V01 Datasheet HTML 4Page - Kemet Corporation A720_V01 Datasheet HTML 5Page - Kemet Corporation A720_V01 Datasheet HTML 6Page - Kemet Corporation A720_V01 Datasheet HTML 7Page - Kemet Corporation A720_V01 Datasheet HTML 8Page - Kemet Corporation A720_V01 Datasheet HTML 9Page - Kemet Corporation A720_V01 Datasheet HTML 10Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
6
© KEMET Electronics Corporation • KEMET Tower • One East Broward Boulevard
T2078_A720 • 7/26/2022
Fort Lauderdale, FL 33301 USA • 954-766-2800 • www.kemet.com
6
Aluminum Organic Capacitor (AO-CAP)
A720 Polymer Aluminum
Derating Guidelines
Voltage Rating
Maximum
Recommended
Steady State
Voltage
Maximum
Recommended
Transient Voltage
−55°Cto105°C
2 – 35 V
V
R
V
R
V
R = Rated Voltage
Ripple Current/Ripple Voltage
Permissible AC ripple voltage and current are related to equivalent series resistance (ESR) and the power dissipation
capabilities of the device. Permissible AC ripple voltage, which may be applied, is limited by two criteria:
1. The positive peak AC voltage plus the DC bias voltage, if any, must not exceed the DC voltage rating of the capacitor.
2.ThenegativepeakACvoltage,incombinationwithbiasvoltage,ifany,mustnotexceedtheallowablelimitsspecified
for reverse voltage. See the Reverse Voltage section for allowable limits.
Powercapabilityisdeterminedbasedona20°Ctemperaturerise.Ahighertemperatureriseandthereforehigherpower
capability is allowable as long as the ambient temperature, plus, temperature rise due to ripple current, does not exceed the
rated temperature of the part.
The maximum power dissipation by case size can be determined using the below table.
KEMET Series
and Case Code
EIA
Case Code
Maximum Power
Dissipation (Pmax)
mWatts at 25°C
with +20°C Rise
A720V
7343–21
410
Using the Pmax of the device, the maximum allowable RMS ripple current or voltage may be determined.
I(max) = √Pmax/R
E(max) = Z √Pmax/R
I = RMS ripple current (amperes)
E = RMS ripple voltage (volts)
Pmax = Maximum power dissipation(watts)
R = ESR at specified frequency (ohms)
Z = Impedance at specified frequency (Ohms)
Refer to part number listings for permittable Arms limits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com