Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLP82 Datasheet(PDF) 1 Page - Sumida Corporation

Part # CLP82
Description  SIGNAL COMMON MODE CHOKES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CLP82 Datasheet(HTML) 1 Page - Sumida Corporation

  CLP82 Datasheet HTML 1Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SIGNAL COMMON MODE CHOKES
18
0.25
2.5MAX.
4.6
1.27
2.54
0.5
CLP42
DIMENSIONS (mm)
外形寸法図
M OUTLINE/概要
1. One common mode choke or pulse transformer is stored in it
1. パルストランス若しくはコモンモードチョークを1個搭載
M FEATURES/特徴
◆ APPLICATION/用途
1. PCMCIA card
1. PCMCIAカード
4
5
6
3
2
1
Schematics
結線図
10.2
5.5
Recommended land patterns(mm)
推奨ランド図
1. Ultra low profile SMD type pulse transformer which is built in PCMCIA card
1. PCMCIAカードに搭載される、超低背SMDタイプ パルストランス
9.0MAX.
2.5MAX.
0.25
2.54
1.27
0.5
CLP82
DIMENSIONS (mm)
外形寸法図
1. Two or three common mode chokes and stored in it
1. コモンモードチョークを2個又は3個搭載
M FEATURES/特徴
◆ APPLICATION/用途
1. PCMCIA card
1. PCMCIAカード
9
8
7
10
11
12
6
4
3
2
1
5
Schematics
結線図
10.2
5.5
Recommended land patterns(mm)
推奨ランド図
CLP82
4.36pF(REF.)
5.90pF(REF.)
Min.100µH
Min.200µH
Max.550m
Ω
Max.800m
Ω
0.11µH(REF.)
0.15µH(REF.)
Type
品名
(1-3) (10-12 tie)
(4-6) (7-9 tie)
(7-9) (4-6 tie)
(10-12) (1-3 tie)
Connection
接続
Interwinding
Capacity
線間容量
@100kHz
Inductance
インダクタンス
@100kHz
Leakage
Inductance
リーケージ
インダクタンス
@100kHz
D.C.R.
直流抵抗
@ 20°C
A.C.1500V
Hi-Pot
耐電圧
(50-60Hz)
for 1min.
K Specifications/仕様
CLP42-PM07
CLP42-PM09
CLP42-PM11
10
100
1k
10k
1
100M
1G
10M
1M
FREQUENCY (Hz)
K Impedance Characteristics/インピーダンス特性


Similar Part No. - CLP82

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CLP82 SUMIDA-CLP82 Datasheet
155Kb / 2P
DC COMMON MODE CHOKE COIL
CLP82 SUMIDA-CLP82 Datasheet
182Kb / 2P
LAN Transformer< SMD Type: CLP Series>
CLP82-401 SUMIDA-CLP82-401 Datasheet
182Kb / 2P
LAN Transformer< SMD Type: CLP Series>
CLP82 SUMIDA-CLP82_06 Datasheet
155Kb / 2P
DC COMMON MODE CHOKE COIL
More results

Similar Description - CLP82

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CRR32 SUMIDA-CRR32 Datasheet
187Kb / 1P
SIGNAL COMMON MODE CHOKES
logo
Abracon Corporation
ACMS-1065 ABRACON-ACMS-1065 Datasheet
815Kb / 6P
Signal Common Mode Chokes
06-29-22
ACMS-Q3222F ABRACON-ACMS-Q3222F Datasheet
696Kb / 6P
Automotive Signal Common Mode Chokes
3/30/2022
ACMS-Q3225 ABRACON-ACMS-Q3225 Datasheet
811Kb / 6P
Automotive signal Common Mode Chokes
3/31/2022
ACMS-Q3225C ABRACON-ACMS-Q3225C Datasheet
733Kb / 6P
Automotive Signal Common Mode Chokes
3/31/2022
ACMS-Q3225E ABRACON-ACMS-Q3225E Datasheet
767Kb / 6P
Automotive Signal Common Mode Chokes
3/30/2022
ACMS-Q4523E ABRACON-ACMS-Q4523E Datasheet
686Kb / 6P
Automotive Signal Common Mode Chokes
3/30/2022
ACMS-Q4523F ABRACON-ACMS-Q4523F Datasheet
656Kb / 6P
Automotive Signal Common Mode Chokes
3/30/2022
ACMS-Q4526C ABRACON-ACMS-Q4526C Datasheet
734Kb / 6P
Automotive Signal Common Mode Chokes
3/31/2022
ACMS-Q4528 ABRACON-ACMS-Q4528 Datasheet
1,003Kb / 6P
Automotive Signal Common Mode Chokes
3/31/2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com