| Electronic Components Datasheet Search |
|
AP3108LS Datasheet(PDF) 8 Page - Diodes Incorporated |
|
|
|||||||||||||||||||||||||||||
AP3108LS Datasheet(HTML) 8 Page - Diodes Incorporated |
|
8 / 16 page ![]() AP3108LS Document number: DS42105 Rev. 3 - 2 8 of 16 www.diodes.com February 2021 © Diodes Incorporated AP3108LS Performance Characteristics (continued) VBR-OUT vs. Ambient Temperature Green Mode Frequency vs. Ambient Temperature Operation Description PWM Operation Principle Figure 1 describes how the AP3108LS and AP4320 work together to achieve constant voltage (CV), constant current (CC) and primary constant OCP (COCP) control. At secondary side, the sensed output voltage or output current signals are compared with the corresponding reference VREF _CV and VREF_CC in AP4320. The inner CV and CC amplifier combine with an external compensation network to generate an amplified error signal and transfer to the primary side FB pin through the opto- coupler. It’s noted that only one amplifier works at one moment between CV and CC amplifier. The scaled FB voltage comparing with the SENSE voltage after slope compensation will turn off primary switch and determine the duty cycle. Usually, secondary CC and CV provide a good enough static state performance for output voltage and current regulation under all load and line conditions. If any over current conditions occur, primary constant OCP control provides moderate over current limit, under output short condition, this method can restrain the device stress and output current value in a reasonable range. In primary constant OCP control, the product of V CSM sampled from SENSE Pin and tONS t sampled from DEM Pin will compare with a primary OCP reference of VREF and get a primary switch duty cycle, which will determine a real-time constant output current, detail information can be found in the following section. Slope Compensation KFB_CS Kcc VREF FB SENSE Driving Block PWM CV COCP VBUS ZCOMP_CV K VREF_CC VREF_CV ZCOMP_CC Vo VCSM Sample tONS Sample VCSM*tONS /t DEM GATE AP4320 AP3108LS Figure 1 -40 -20 0 20 40 60 80 100 80 85 90 95 100 Ambient Temperature ( oC) -40 -20 0 20 40 60 80 100 15 16 17 18 19 20 21 22 23 24 25 Ambient Temperature ( oC) |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |