Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP3128 Datasheet(PDF) 7 Page - Diodes Incorporated

Part # AP3128
Description  HIGH-PERFORMANCE GREEN MODE PWM CONTROLLER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3128 Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button AP3128 Datasheet HTML 3Page - Diodes Incorporated AP3128 Datasheet HTML 4Page - Diodes Incorporated AP3128 Datasheet HTML 5Page - Diodes Incorporated AP3128 Datasheet HTML 6Page - Diodes Incorporated AP3128 Datasheet HTML 7Page - Diodes Incorporated AP3128 Datasheet HTML 8Page - Diodes Incorporated AP3128 Datasheet HTML 9Page - Diodes Incorporated AP3128 Datasheet HTML 10Page - Diodes Incorporated AP3128 Datasheet HTML 11Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
AP3128
Document number: DS43487 Rev. 3 - 2
7 of 12
www.diodes.com
September 2021
© Diodes Incorporated
AP3128
Operation Description
The AP3128
’s Multi-Mode Operation includes Burst mode, QR mode, and CCM mode (which are specifically designed for off-line AC-DC power
supplies used in LCD monitors), notebook adapters, and battery charger applications. At medium load, the IC will enter QR mode with frequency
foldback to improve system efficiency and EMI performance. It offers a cost-effective solution with versatile protection functions.
Figure 3
Multi-Mode Operation
The switching frequency curve in Figure 3 shows three operation modes.
Burst Mode
At no load and light load, the system will operate at burst mode. In burst mode, the switching frequency is fixed at about 22kHz to avoid
audible noise. When the FB voltage is lower than 0.6V, the controller will not provide driving signal and the FB voltage will rise above 0.8V,
then the driving signal will resume. By this control strategy, the system will eliminate a bunch of pulses and the power loss is reduced.
QR Mode
QR stands for Quasi-Resonant, which means that the power MOSFET is forced to turn on at valleys of VDS. With QR control, the switching
power loss will be reduced by lower voltage stress of MOSFET. The VDS valley is detected by the DEM pin through the voltage divider network
of RDEM and RSOVP. Once the divided voltage is less than 100mV during the internal turning off of the MOSFET, the counter in the AP3128
will count it as one valley. At light load and medium load, the system will enter QR mode. As the load changes, the trend of the switching
frequency in QR mode is modulated by the AP3128.
CCM Mode
With the load increases, if the switching frequency decreases below 80KHz in valley1 mode, CCM mode is implemented to achieve high
efficiency. Usually at low line voltage, the system will enter CCM mode at heavy load, while at high line voltage the system may still operate
at QR mode with the 1st or 2nd valley on.
105KHz
80KHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com