Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP3306 Datasheet(PDF) 7 Page - Diodes Incorporated

Part # AP3306
Description  HIGHLY INTEGRATED ACTIVE CLAMP FLYBACK PWM CONTROLLER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3306 Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button AP3306 Datasheet HTML 3Page - Diodes Incorporated AP3306 Datasheet HTML 4Page - Diodes Incorporated AP3306 Datasheet HTML 5Page - Diodes Incorporated AP3306 Datasheet HTML 6Page - Diodes Incorporated AP3306 Datasheet HTML 7Page - Diodes Incorporated AP3306 Datasheet HTML 8Page - Diodes Incorporated AP3306 Datasheet HTML 9Page - Diodes Incorporated AP3306 Datasheet HTML 10Page - Diodes Incorporated AP3306 Datasheet HTML 11Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
AP3306
Document number: DS42803 Rev. 6 - 2
7 of 13
www.diodes.com
May 2022
© Diodes Incorporated
AP3306
Operation Description
Diodes Incorporated
’s Smart Active Clamp Control Strategy: Valley Switching & Zero Voltage Switch (ZVS) Multiple Operation Modes.
The AP3306
’s patented control strategy allows the Active Clamp Fly-back system to operate on valley switching or ZVS according to the input
voltage. When operating under low line input, the valley switching can naturally achieve ZVS and the leakage inductance energy will be
transferred to output through the high side PMOSFET and CSN. When operating under high line input, the ZVS mode activated with perfect jitter
whilst balancing system efficiency and EMI performance. The ZVS with jitter operation is regarded as a quasi-soft switching technology, which
always turns on the primary PMOSFET at the peak status of the Drain-to-Source voltage (VDS) and uses leakage inductance to achieve ZVS with
jitter.
Available Peak status to turn on
the PMOSFET
VDS of NMOS
GDL
GDH
ON
ON
Jitter
Figure 3. ZVS with Jitter Operation
PMOS Driving
Figure 4 shows the AP3306
’s easily built-in PMOS control method. The GDH pin connects to the PMOS’s gate, the PMOS’s source pin connects
to VCCL, and the PMOS
’s drain pin connects to CSN. The AP3306 drives PMOS on by pulling down the GDH pin voltage, and turns off PMOS by
pulling up on the GDH pin to VCCL.
U1
GND
VCCL
GDL
VCCH
AP3306
HV
FB
DEM
CS
GDH
8
3
1
9
5
4
6
PMOS
NMOS
CSN
GDH: 0  Turn ON POMS
GDH: VCC  Turn OFF
`
S
G
D
Figure 4. PMOS Driver Circuitry
7
2
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com