Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP3981CS-13 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # AP3981CS-13
Description  PRIMARY SIDE REGULATED POWER SWITCHER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3981CS-13 Datasheet(HTML) 5 Page - Diodes Incorporated

  AP3981CS-13 Datasheet HTML 1Page - Diodes Incorporated AP3981CS-13 Datasheet HTML 2Page - Diodes Incorporated AP3981CS-13 Datasheet HTML 3Page - Diodes Incorporated AP3981CS-13 Datasheet HTML 4Page - Diodes Incorporated AP3981CS-13 Datasheet HTML 5Page - Diodes Incorporated AP3981CS-13 Datasheet HTML 6Page - Diodes Incorporated AP3981CS-13 Datasheet HTML 7Page - Diodes Incorporated AP3981CS-13 Datasheet HTML 8Page - Diodes Incorporated AP3981CS-13 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
AP3981C
Document number: DS41619 Rev. 2 - 2
5 of 16
www.diodes.com
June 2019
© Diodes Incorporated
AP3981C
Electrical Characteristics (@TA =+25°C, VCC = 15V, unless otherwise specified.)
Symbol
Parameter
Condition
Min
Typ
Max
Unit
STARTUP AND UVLO SECTION
VTH_ST
Startup Threshold
—
14.5
16
17.5
V
VOPR(MIN)
Minimum Operating Voltage
—
6.1
6.8
7.5
V
STANDBY CURRENT SECTION
IST
Startup Current
VCC=VTH_ST-1V before
Startup
—
1
3
A
ICC_OPR
Minimum Operating Current
Static Current
450
550
650
A
CURRENT SENSE SECTION
VCS_H
Peak Current Sense Threshold
Voltage
40% to 100% CC Load
560
630
700
mV
VCS_L
No Load to 2% CC Load
160
180
200
mV
RLINE
Built-In Line Compensation
Resistance
—
45
55
65

tLEB
Leading Edge Blanking
—
370
470
570
ns
CONSTANT VOLTAGE SECTION
VFB
Feedback Threshold Voltage
Closed Loop Test of VOUT
2.35
2.4
2.45
V
RatioSAMPLE_L
Sample Ratio
No Load to 2% CC Load
45
50
55
%
RatioSAMPLE_H
Sample Ratio
40% to 100% CC Load
75
80
85
%
CONSTANT CURRENT SECTION
tONS/tSW
Below SUVP
Tested @ VFB=1V
—
0.75
—
—
Above SUVP
Tested @ VFB=2V
—
0.5
—
—
FREQUENCY JITTER
ΔVCS/VCS
VCS Modulation
10% Load to Full Load
1.5
2
2.5
%
Cable Compensation
VCABLE/VOUT
Fixed Cable Compensation Ratio
—
—
4
—
%
VALLEY-ON SECTION
tVAL-ON
Valid Off Time of Valley-On
From the End of tONS
26
32
38
s
DYNAMIC SECTION
tOFF(MAX)
Maximum Off Time
—
1.8
2
2.2
ms
PROTECTION FUNCTION SECTION
VFB(SOVP)
Over Voltage Protection at FB Pin
—
3.3
3.6
3.9
V
VFB(SUVP)
Under Voltage Protection at FB Pin
—
1.22
1.35
1.48
V
tDELAY(SUVP)
Delay Time of SUVP
—
116
128
140
ms
VFB(SCP)
Output Short Protection at FB Pin
—
680
750
820
mV
tDELAY(SCP)
Delay Time of SCP
—
58
64
70
ms
VCC(OVP)
Over Voltage Protection at VCC Pin
—
29.5
32
34.5
V
tONP(MAX)
Maximum Turn-ON Time
—
12
16
20
s
VCS(MIN)
Minimum Peak Current Sense
Voltage at tONP=4s
—
120
150
180
mV
VCS(MAX)
Maximum CS Voltage
—
720
800
880
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com