Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IH Datasheet(PDF) 2 Page - Vishay Siliconix

Part # IH
Description  Filter Inductors, High Current, Radial Leaded
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IH Datasheet(HTML) 2 Page - Vishay Siliconix

  IH Datasheet HTML 1Page - Vishay Siliconix IH Datasheet HTML 2Page - Vishay Siliconix IH Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
IH
www.vishay.com
Vishay Dale
Revision: 08-Aug-14
2
Document Number: 34013
For technical questions, contact: magnetics@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
STANDARD ELECTRICAL SPECIFICATIONS
MODEL
IND. AT 1 kHz
(μH)
TOL.
(%)
DCR MAX.
(
)
RATED DC CURRENT
(mA)
INCREMENTAL CURRENT
(mA)
IH-3
5
± 10
0.015
10 000
25 000
IH-3
10
± 10
0.018
9000
19 000
IH-3
27
± 10
0.035
7000
12 000
IH-3
50
± 10
0.050
5600
8000
IH-3
100
± 10
0.065
5200
6000
IH-3
150
± 10
0.075
5000
5000
IH-3
250
± 10
0.090
5000
4000
IH-5
5
± 10
0.012
14 000
25 000
IH-5
10
± 10
0.015
12 000
19 000
IH-5
27
± 10
0.025
9000
13 000
IH-5
50
± 10
0.030
8000
10 000
IH-5
68
± 10
0.035
7500
9000
IH-5
100
± 10
0.050
7500
7000
IH-5
150
± 10
0.060
7000
5000
IH-10
5
± 10
0.010
19 000
25 000
IH-10
10
± 10
0.012
16 000
19 000
IH-10
27
± 10
0.018
12 500
12 000
IH-10
50
± 10
0.025
11 000
10 000
IH-10
68
± 10
0.027
10 000
8000
IH-10
100
± 10
0.030
10 000
7000
IH-15
5
± 10
0.008
24 000
25 000
IH-15
10
± 10
0.010
20 000
19 000
IH-15
27
± 10
0.015
16 000
14 000
IH-15
50
± 10
0.020
15 000
10 000
MARKING
- Vishay Dale
- Model
- Inductance value
- Date code
ORDERING INFORMATION
IH-5
10 μH
± 10 %
EB
e2
MODEL
INDUCTANCE VALUE
INDUCTANCE TOLERANCE
PACKAGE CODE
JEDEC® LEAD (Pb)-FREE STANDARD
GLOBAL PART NUMBER
I
H
0
5
E
B
100
K
MODEL
PACKAGE
CODE
INDUCTANCE
VALUE
INDUCTANCE
TOLERANCE



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com