Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM2634 Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # AM2634
Description  AM263x Sitara™ Microcontrollers
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM2634 Datasheet(HTML) 32 Page - Texas Instruments

Back Button AM2634 Datasheet HTML 28Page - Texas Instruments AM2634 Datasheet HTML 29Page - Texas Instruments AM2634 Datasheet HTML 30Page - Texas Instruments AM2634 Datasheet HTML 31Page - Texas Instruments AM2634 Datasheet HTML 32Page - Texas Instruments AM2634 Datasheet HTML 33Page - Texas Instruments AM2634 Datasheet HTML 34Page - Texas Instruments AM2634 Datasheet HTML 35Page - Texas Instruments AM2634 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 164 page
background image
Table 6-1. Pin Attributes (ZCZ Package) (continued)
BALL
NUMBER
[1]
BALL NAME [2]/
IOMUX
REGISTER [15]/
ADDRESS [16]/
DEFAULT VALUE [17]
SIGNAL NAME [3]
MUX
MODE [4]
TYPE [5]
BALL
STATE
DURING
RESET
RX/TX/PULL [7]
BALL
STATE
AFTER
RESET
RX/TX/PULL [8]
MUX
MODE
AFTER
RESET [9]
IO
VOLTAGE
[10]
POWER [11]
HYS
[12]
BUFFER
TYPE [14]
PULL
TYPE
[13]
C11
SPI0_CS0
SPI0_CS0_CFG_REG
0x5310 002C
0x0000 05F7
SPI0_CS0
0
IO
Off / Off / Off
Off / On / Down
7
3.3 V
VDDSHV0
Yes
LVCMOS
PU/PD
UART3_RXD
1
I
LIN3_RXD
2
IO
GPIO11
7
IO
C10
SPI0_D0
SPI0_D0_CFG_REG
0x5310 0034
0x0000 05D7
SPI0_D0
0
IO
On / Off / Off
On / Off / Off
7
3.3 V
VDDSHV0
Yes
LVCMOS
PU/PD
FSITX0_DATA0
6
O
GPIO13
7
IO
SOP3
Bootstrap
0
B11
SPI0_D1
SPI0_D1_CFG_REG
0x5310 0038
0x0000 05F7
SPI0_D1
0
IO
Off / Off / Off
Off / On / Down
7
3.3 V
VDDSHV0
Yes
LVCMOS
PU/PD
FSITX0_DATA1
6
O
GPIO14
7
IO
C9
SPI1_CS0
SPI1_CS0_CFG_REG
0x5310 003C
0x0000 05F7
SPI1_CS0
0
IO
Off / Off / Off
Off / On / Down
7
3.3 V
VDDSHV0
Yes
LVCMOS
PU/PD
UART4_TXD
1
O
LIN4_TXD
2
IO
XBAROUT1
5
O
GPIO15
7
IO
B10
SPI1_D0
SPI1_D0_CFG_REG
0x5310 0044
0x0000 05F7
SPI1_D0
0
IO
Off / Off / Off
Off / On / Down
7
3.3 V
VDDSHV0
Yes
LVCMOS
PU/PD
UART5_TXD
1
O
XBAROUT3
5
O
FSIRX0_DATA0
6
I
GPIO17
7
IO
D9
SPI1_D1
SPI1_D1_CFG_REG
0x5310 0048
0x0000 05F7
SPI1_D1
0
IO
Off / Off / Off
Off / On / Down
7
3.3 V
VDDSHV0
Yes
LVCMOS
PU/PD
UART5_RXD
1
I
XBAROUT4
5
O
FSIRX0_DATA1
6
I
GPIO18
7
IO
B3
TCK
TCK_CFG_REG
0x5310 0240
0x210
TCK
0
I
On / NA / Up
On / NA / Up
0
3.3 V
VDDSHV0
Yes
HIGH
HYST
C5
TDI
TDI_CFG_REG
0x5310 0234
0x6D0
TDI
0
I
On / Off / Up
On / Off / Up
0
3.3 V
VDDSHV0
Yes
LVCMOS
PU/PD
C4
TDO
TDO_CFG_REG
0x5310 0238
0x630
TDO
0
O
Off / Off / Up
Off / NA / Up
0
3.3 V
VDDSHV0
Yes
LVCMOS
PU/PD
AM2634, AM2634-Q1, AM2632, AM2632-Q1, AM2631, AM2631-Q1
SPRSP74C – OCTOBER 2022 – REVISED NOVEMBER 2022
www.ti.com
32
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AM2634 AM2634-Q1 AM2632 AM2632-Q1 AM2631 AM2631-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com