Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA351 Datasheet(PDF) 3 Page - Texas Instruments

Part # INA351
Description  INA351 - Cost and Size Optimized, Low Power, 1.8-V to 5.5-V Selectable Gain Instrumentation Amplifier with Integrated Reference Buffer
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA351 Datasheet(HTML) 3 Page - Texas Instruments

  INA351 Datasheet HTML 1Page - Texas Instruments INA351 Datasheet HTML 2Page - Texas Instruments INA351 Datasheet HTML 3Page - Texas Instruments INA351 Datasheet HTML 4Page - Texas Instruments INA351 Datasheet HTML 5Page - Texas Instruments INA351 Datasheet HTML 6Page - Texas Instruments INA351 Datasheet HTML 7Page - Texas Instruments INA351 Datasheet HTML 8Page - Texas Instruments INA351 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
5 Device Comparison Table
DEVICE
NO. OF
CHANNELS
PACKAGE LEADS
SOT-23-8
DDF
WSON
DSG
X2QFN
RUG(1)
INA351ABS
1
8
8
8
INA351CDS (2)
1
8
8
8
(1)
Package is preview only.
(2)
Device is preview only.
6 Pin Configuration and Functions
1
GS
8
SHDN
2
IN–
7
V+
3
IN+
6
OUT
4
V–
5
REF
Not to scale
Figure 6-1. DDF Package
8-Pin SOT-23
(Top View)
1
GS
8
SHDN
2
IN–
7
V+
3
IN+
6
OUT
4
V–
5
REF
Not to scale
Thermal
Pad
Note: Connect Thermal Pad to (V−)
Figure 6-2. DSG Package
8-Pin WSON With Exposed Thermal Pad
(Top View)
Table 6-1. Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
IN–
2
I
Negative (inverting) input
IN+
3
O
Positive (non-inverting) input
OUT
6
—
Output
REF
5
—
Reference input. This pin internally connects to a reference buffer amplifier in G = 1, unity
gain follower configuration.
GS
1
I
Gain select – logic low (G = 10 for INA351ABS and G = 30 for INA351CDS)
Gain select – logic high (G = 20 for INA351ABS and G = 50 for INA351CDS)
Gain select – no connect (G = 20 for INA351ABS and G = 50 for INA351CDS)
SHDN
8
I
Shutdown – logic high (device enabled)
Shutdown – logic low (device disabled)
Shutdown – no connect (device enabled)
V–
4
—
Negative supply
V+
7
—
Positive supply
www.ti.com
INA351
SBOSAD5 – DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: INA351



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com