Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPSM82913 Datasheet(PDF) 8 Page - Texas Instruments

Part # TPSM82913
Description  TPSM8291x 3-V to 17-V, 2-A/3-A Low-Noise and Low-Ripple Buck Power Module with Integrated Ferrite Bead Filter Compensation
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPSM82913 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPSM82913 Datasheet HTML 4Page - Texas Instruments TPSM82913 Datasheet HTML 5Page - Texas Instruments TPSM82913 Datasheet HTML 6Page - Texas Instruments TPSM82913 Datasheet HTML 7Page - Texas Instruments TPSM82913 Datasheet HTML 8Page - Texas Instruments TPSM82913 Datasheet HTML 9Page - Texas Instruments TPSM82913 Datasheet HTML 10Page - Texas Instruments TPSM82913 Datasheet HTML 11Page - Texas Instruments TPSM82913 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
6.6 Typical Characteristics (continued)
VIN = 12 V, VOUT = 1.2 V, TA = 25°C, BOM = Table 8-1, (unless otherwise noted)
1
s/div
12 V to 1.8 V, 1 A
2.2 μH, 1 MHz
First and second L-C
Figure 6-7. VOUT Ripple After the Second L-C Filter
Frequency (Hz)
0x100
2x107
4x107
6x107
8x107
1x108
0
2
4
6
8
10
12
14
16
18
20
Spread Spectrum Modulation
OFF
Random
BW = 10 kHz
12 V to 1.8 V, 1 A
2.2 μH, 1 MHz
First and second L-C
Figure 6-8. VOUT Ripple FFT After the Second L-C Filter
1
s/div
12 V to 3.3 V, 1 A
2.2 μH, 2.2 MHz
First L-C Only
Figure 6-9. VOUT Ripple After the First L-C Filter
Frequency (Hz)
0x100
2x107
4x107
6x107
8x107
1x108
0
40
80
120
160
200
240
280
320
360
400
Spread Spectrum Modulation
OFF
Random
BW = 10 kHz
12 V to 3.3 V, 1 A
2.2 μH, 2.2 MHz
First L-C Only
Figure 6-10. VOUT Ripple FFT After the First L-C Filter
1
s/div
12 V to 3.3 V, 1 A
2.2 μH, 2.2 MHz First and second L-C
Figure 6-11. VOUT Ripple After the Second L-C Filter
Frequency (Hz)
0x100
2x107
4x107
6x107
8x107
1x108
0
2
4
6
8
10
12
14
16
18
20
Spread Spectrum Modulation
OFF
Random
BW = 10 kHz
12 V to 3.3 V, 1 A
2.2 μH, 2.2 MHz First and second L-C
Figure 6-12. VOUT Ripple FFT After the Second L-C Filter
TPSM82913
SLVSGJ4A – OCTOBER 2022 – REVISED DECEMBER 2022
www.ti.com
8
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TPSM82913



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com